Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXBM2004 Datasheet (PDF) - Diodes Incorporated

ZXBM2004 Datasheet PDF - Diodes Incorporated
Part # ZXBM2004
Download  ZXBM2004 Download
File Size   224.2 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER

ZXBM2004 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXBM2004 Datasheet PDF - Diodes Incorporated

Part # ZXBM2004
Download  ZXBM2004 Click to download

File Size   224.2 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER

ZXBM2004 Datasheet (HTML) - Diodes Incorporated


ZXBM2004 Product details

Description
The ZXBM2004 is a 2-phase, Brushless Direct Current (BLDC) motor control pre-driver with variable PWM speed control suitable for fan and blower motors.
For system flexibility, motor speed can be controlled by changing SPD pin voltage which can be either from Thermistor network, external voltage or PWM signal.
To help protect the motor coil, the ZXBM2004 provides Rotor Lock Protection which shuts down the output drive if rotor lock is detected. The device automatically re-starts when the rotor lock is removed.

Features
• Supports two-phase BLDC motor control
• Operating voltage: 4.7V to 18V
   o Can be extended with external regulator
• PWM speed control via external Thermister, DC voltage or PWM signals
• Reference voltage output
• Built-in Hall amplifier allows direct connection of Hall element
• Rotor Lock Protection (Lock detection, output shutdown and automatic re-start)
• Rotor lock detect (RD) output
• Minimum speed setting
• Frequency generator (FG) output for speed measurements
• Low noise
• Space saving low profile U-QFN3030-16 and QSOP-16 packages
• “Green” Molding Compound

Applications
• Desktop PC and Servers fans and blowers
• Instrumentation fans
• Central heating blowers
• Automotive instrument cooling and climate control
• Extractor fans
• General motors and pumps




Similar Part No. - ZXBM2004

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2004JA16TC DIODES-ZXBM2004JA16TC Datasheet
328Kb / 19P
TWO PHASE VARIABLE SPEED MOTOR CONTROL PRE-DRIVER
Rev 5
logo
Zetex Semiconductors
ZXBM2004Q16TC ZETEX-ZXBM2004Q16TC Datasheet
249Kb / 12P
VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
More results


Similar Description - ZXBM2004

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM1004 ZETEX-ZXBM1004 Datasheet
265Kb / 12P
VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
ZXBM1015 ZETEX-ZXBM1015 Datasheet
130Kb / 12P
VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
ZXBM1017 ZETEX-ZXBM1017 Datasheet
157Kb / 12P
VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1004 ZETEX-ZXBM1004_07 Datasheet
263Kb / 12P
VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
ZXBM1015 ZETEX-ZXBM1015_07 Datasheet
104Kb / 10P
VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1017 ZETEX-ZXBM1017_07 Datasheet
130Kb / 10P
VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1004 DIODES-ZXBM1004 Datasheet
340Kb / 12P
VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
MAY 2007
ZXBM1017 DIODES-ZXBM1017 Datasheet
150Kb / 10P
VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
MAY 2007
ZXBM1015 DIODES-ZXBM1015 Datasheet
124Kb / 10P
VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
MAY 2007
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com