Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739A Datasheet (PDF) - Analog Devices

AD9739A Datasheet PDF - Analog Devices
Part # AD9739A
Download  AD9739A Download
File Size   1566.84 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter

AD9739A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9739A Datasheet PDF - Analog Devices

Part # AD9739A
Download  AD9739A Click to download

File Size   1566.84 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter

AD9739A Datasheet (HTML) - Analog Devices


AD9739A Product details

GENERAL DESCRIPTION
The AD9737A/AD9739A are 11-bit and 14-bit, 2.5 GSPS high performance RF DACs that are capable of synthesizing wideband signals from dc up to 3 GHz. The AD9737A/AD9739A are pin and functionally compatible with the AD9739 with the exception that the AD9737A/AD9739A do not support synchronization or RZ mode, and are specified to operate between 1.6 GSPS and 2.5 GSPS.

FEATURES
   Direct RF synthesis at 2.5 GSPS update rate
      DC to 1.25 GHz in baseband mode
      1.25 GHz to 3.0 GHz in mix-mode
   Industry leading single/multicarrier IF or RF synthesis
   Dual-port LVDS data interface
      Up to 1.25 GSPS operation
      Source synchronous DDR clocking
   Pin compatible with the AD9739
   Programmable output current: 8.7 mA to 31.7 mA
   Low power: 1.1 W at 2.5 GSPS

APPLICATIONS
   Broadband communications systems
      DOCSIS CMTS systems
   Military jammers
   Instrumentation, automatic test equipment
   Radar, avionics




Similar Part No. - AD9739A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9739A AD-AD9739A Datasheet
4Mb / 64P
RF Digital-to-Analog Converters
AD9739A-EBZ AD-AD9739A-EBZ Datasheet
2Mb / 64P
11-/14-Bit, 2.5 GSPS
REV. C
AD9739A-EBZ AD-AD9739A-EBZ Datasheet
4Mb / 64P
RF Digital-to-Analog Converters
AD9739A-FMC-EBZ AD-AD9739A-FMC-EBZ Datasheet
2Mb / 64P
11-/14-Bit, 2.5 GSPS
REV. C
AD9739A-FMC-EBZ AD-AD9739A-FMC-EBZ Datasheet
4Mb / 64P
RF Digital-to-Analog Converters
More results


Similar Description - AD9739A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9119 AD-AD9119 Datasheet
2Mb / 68P
11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
REV. 0
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9680 AD-AD9680 Datasheet
3Mb / 97P
Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
REV. C
AD9684 AD-AD9684 Datasheet
1Mb / 64P
Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
Rev. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
1/2012-Rev. A to Rev. B
AD9217 AD-AD9217 Datasheet
71Kb / 2P
12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com