Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC803-41D3VC3 Datasheet (PDF) - Micrel Semiconductor

MIC803-41D3VC3 Datasheet PDF - Micrel Semiconductor
Part # MIC803-41D3VC3
Download  MIC803-41D3VC3 Download
File Size   258.25 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output

MIC803-41D3VC3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC803-41D3VC3 Datasheet PDF - Micrel Semiconductor

Part # MIC803-41D3VC3
Download  MIC803-41D3VC3 Click to download

File Size   258.25 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output

MIC803-41D3VC3 Datasheet (HTML) - Micrel Semiconductor


MIC803-41D3VC3 Product details

General Description
The MIC803 is a single-voltage supervisor with open-drain reset output that provides accurate power supply monitoring and reset generation in microprocessor-based systems. The function of the device is to assert a reset signal if the power supply voltage drops below the reset threshold voltage, and retain this reset for the reset timeout period once the power supply increases above the reset threshold voltage.
The MIC803 consumes only 4.5µA of supply current and offers three reset delay periods of 20ms, 140ms, and 1120ms (minimum). It features factory-programmed reset threshold levels from 2.63V to 4.63V to accommodate 3.0V, 3.3V, and 5.0V power supplies. It is available in the compact 3-pin SC-70 and SOT-23 packages.
Datasheets and support documentation are available on Micrel’s web site at: www.micrel.com.

Features
• 4.5μA supply current (typical) at 3.6V
• Open-drain /RESET output
• /RESET remains valid with VCC as low as 1V
• 20ms, 140ms, or 1120ms (minimum) reset timeout options
• 2.63V to 4.63V preset voltage threshold options
• 2.5% voltage threshold accuracy over temperature
• 3-pin SC70-3 package (2.0mm × 2.1mm)
• 3-pin SOT-23 package (2.3mm × 2.9mm)
• -40˚C to +125˚C junction temperature range

Applications
• Critical microcomputer power monitoring
• Portable equipment
• Solid state drives
• Printers/computers
• Embedded controllers




Similar Part No. - MIC803-41D3VC3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC803-41D3VC3 MICREL-MIC803-41D3VC3 Datasheet
612Kb / 12P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
More results


Similar Description - MIC803-41D3VC3

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
3-Pin Microprocessor Reset Circuit
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
Open Drain Microprocessor Reset
27-Jul-2006
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
3 Pin Microprocessor Supervisor Circuit
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
Open drain microprocessor reset
21-Mar-2007
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
3-PIN MICROPROCESSOR RESET CIRCUIT
Rev 1
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
Open-Drain Microprocessor Reset Circuit
09/14/21
logo
Diodes Incorporated
APX803S DIODES-APX803S Datasheet
356Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com