Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2043 Datasheet (PDF) - Micrel Semiconductor

MIC2043 Datasheet PDF - Micrel Semiconductor
Part # MIC2043
Download  MIC2043 Download
File Size   832.27 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single Channel, High Current, Low Voltage, Protected Power Distribution Switch

MIC2043 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2043 Datasheet PDF - Micrel Semiconductor

Part # MIC2043
Download  MIC2043 Click to download

File Size   832.27 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single Channel, High Current, Low Voltage, Protected Power Distribution Switch

MIC2043 Datasheet (HTML) - Micrel Semiconductor


MIC2043 Product details

General Description

The MIC2042 and MIC2043 are high-side MOSFET switches optimized for general purpose power distribution applications which require circuit protection. The devices switch up to 5.5V and as low as 0.8V while offering both programmable current limiting and thermal shutdown to protect the device and the load. A fault status output is provided in order to detect overcurrent and thermal shutdown fault conditions. Both devices employ soft-start circuitry to minimize the inrush current in applications that employ highly capacitive loads. Additionally, for tighter control over inrush current during start-up, the output slew-rate may be adjusted by an external capacitor.



Features

• 60mΩ max. on-resistance

• 0.8V to 5.5V operating range

• Adjustable current limit

• Power-Good detection

• Up to 3A continuous output current

• Short-circuit protection with thermal shutdown

• Adjustable slew-rate control

• Circuit breaker mode (MIC2043)

• Fault status flag

• Undervoltage lockout

• Output MOSFET reverse current flow block when disabled

• Very fast reaction to short-circuits

• Low quiescent current



Applications

• Docking stations

• Notebook PCs

• PDAs

• Hot swap board insertions

• RAID controllers

• USB hosts

• ACPI power distribution



 




Similar Part No. - MIC2043

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC204 MICREL-MIC204 Datasheet
269Kb / 15P
SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2040 MICREL-MIC2040 Datasheet
640Kb / 15P
Single Channel Low Voltage Power Distribution Switch
MIC2040-1BMM MICREL-MIC2040-1BMM Datasheet
640Kb / 15P
Single Channel Low Voltage Power Distribution Switch
MIC2040-1YMM MICREL-MIC2040-1YMM Datasheet
640Kb / 15P
Single Channel Low Voltage Power Distribution Switch
MIC2040-2BMM MICREL-MIC2040-2BMM Datasheet
640Kb / 15P
Single Channel Low Voltage Power Distribution Switch
More results


Similar Description - MIC2043

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC204 MICREL-MIC204 Datasheet
269Kb / 15P
SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2040 MICREL-MIC2040 Datasheet
640Kb / 15P
Single Channel Low Voltage Power Distribution Switch
MIC2044 MICREL-MIC2044_05 Datasheet
718Kb / 15P
Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
logo
Exar Corporation
XRP2527 EXAR-XRP2527 Datasheet
3Mb / 13P
Single/Dual Channel Adjustable Current Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
Single-Channel Power Distribution Switch
logo
Monolithic Power System...
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Rev erse
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
Single Channel USB Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
Single-Channel Power Distribution Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com