Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC66404A Datasheet (PDF) - Sanyo Semicon Device

LC66404A Datasheet PDF - Sanyo Semicon Device
Part # LC66404A
Download  LC66404A Download
File Size   104.88 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM

LC66404A Datasheet (PDF)

Go To PDF Page Download Datasheet
LC66404A Datasheet PDF - Sanyo Semicon Device

Part # LC66404A
Download  LC66404A Click to download

File Size   104.88 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM

LC66404A Datasheet (HTML) - Sanyo Semicon Device


LC66404A Product details

Overview
The LC662104A, LC662106A, and LC662108A are 4-bit CMOS microcontrollers that integrate on a single chip all the functions required in a special-purpose telephone controller, including ROM, RAM, I/O ports, a serial interface, a DTMF generator, timers, and interrupt functions. These microcontrollers are available in a 30-pin package.

Features and Functions
• On-chip ROM capacities of 4, 6, and 8 kilobytes, and an on-chip RAM capacity of 384 × 4 bits.
• Fully supports the LC66000 Series common instruction set (128 instructions). (The special-purpose instructions for TM1 and SI/01 are disabled.)
• I/O ports: 24 pins
• DTMF generator This microcontroller incorporates a circuit that can generate two sine wave outputs, DTMF output.
• 8-bit serial interface: one circuit
• Instruction cycle time: 0.95 to 10 µs (at 3.0 to 5.5 V)
• Powerful timer functions and prescalers
    — Time limit timer, event counter, pulse width measurement, and square wave output using a 12-bit timer.
    — Time base function using a 12-bit prescaler.
• Powerful interrupt system with 6 interrupt factors and 6 interrupt vector locations.
    — External interrupts: 3 factors/3 vector locations
    — Internal interrupts: 3 factors/3 vector locations
• Flexible I/O functions Selectable options include 20-mA drive outputs, pull-up and open drain circuits.
• Optional runaway detection function (watchdog timer)
• 8-bit I/O functions
• Power saving functions using halt and hold modes.
• Packages: DIP30SD, MFP30S
• Evaluation ICs: LC665099 (evaluation chip) + EVA86K
    - ECB662500 LC66E2108(on-chip EPROM microcontroller)




Similar Part No. - LC66404A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66404A SANYO-LC66404A Datasheet
158Kb / 25P
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66404A SANYO-LC66404A Datasheet
151Kb / 17P
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66404A SANYO-LC66404A Datasheet
617Kb / 24P
4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
LC66404A SANYO-LC66404A Datasheet
140Kb / 21P
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66404A SANYO-LC66404A Datasheet
616Kb / 23P
4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS?
More results


Similar Description - LC66404A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com