Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY54023AR Datasheet (PDF) - Micrel Semiconductor

SY54023AR Datasheet PDF - Micrel Semiconductor
Part # SY54023AR
Download  SY54023AR Download
File Size   520.6 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz

SY54023AR Datasheet (PDF)

Go To PDF Page Download Datasheet
SY54023AR Datasheet PDF - Micrel Semiconductor

Part # SY54023AR
Download  SY54023AR Click to download

File Size   520.6 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz

SY54023AR Datasheet (HTML) - Micrel Semiconductor


SY54023AR Product details

General Description
The SY54023AR is a fully differential, low voltage 1.2V/1.8V CML 2x2 Crosspoint. The SY54023AR can process clock signals as fast as 3.2GHz or data patterns up to 3.2Gbps.

Features
• 1.2V/1.8V CML 2x2 Crosspoint Switch
• Guaranteed AC performance over temperature and voltage:
    – DC-to- > 3.2Gbps throughput
    – <310ps propagation delay (IN-to-Q)
    – <15ps Output skew
    – <95ps rise/fall times
• Ultra-low jitter design
    – <1psRMS cycle-to-cycle jitter
    – <10psPP total jitter
    – <1psRMS random jitter
    – <10psPP deterministic jitter
• High-speed CML outputs
• 2.5V ±5% , 1.8/1.2V ±5% power supply operation
• Industrial temperature range: –40°C to +85°C
• Available in 16-pin (3mm x 3mm) MLF® package

Applications
• Data Distribution: OC-48, OC-48+FEC
• SONET clock and data distribution
• Fibre Channel clock and data distribution
• Gigabit Ethernet clock and data distribution




Similar Part No. - SY54023AR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54023R MICREL-SY54023R Datasheet
619Kb / 15P
Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
SY54023RMG MICREL-SY54023RMG Datasheet
619Kb / 15P
Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
SY54023RMGTR MICREL-SY54023RMGTR Datasheet
619Kb / 15P
Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
More results


Similar Description - SY54023AR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54023R MICREL-SY54023R Datasheet
619Kb / 15P
Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
SY54011R MICREL-SY54011R Datasheet
481Kb / 10P
Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54017AR MICREL-SY54017AR Datasheet
546Kb / 14P
Low Voltage 1.2V/1.8V CML 2:1 MUX 3.2Gbps, 2.5GHz
SY54020AR MICREL-SY54020AR Datasheet
552Kb / 14P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY54011R MICREL-SY54011R_10 Datasheet
517Kb / 10P
Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54016AR MICREL-SY54016AR Datasheet
763Kb / 12P
Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver 3.2Gbps, 3.2GHz
SY56023R MICREL-SY56023R Datasheet
508Kb / 12P
Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY56040AR MICREL-SY56040AR Datasheet
527Kb / 14P
Low Voltage 1.2V/1.8V/2.5V CML 4x4 Crosspoint Switch 6.4Gbps, 5GHz
SY56023R MICREL-SY56023R_12 Datasheet
499Kb / 12P
Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY54020AR MICREL-SY54020AR_09 Datasheet
552Kb / 14P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com