Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1932 Datasheet (PDF) - Linear Technology

LT1932 Datasheet PDF - Linear Technology
Part # LT1932
Download  LT1932 Download
File Size   2692.84 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual 1.3A White LED Step-Up Converters with Wide Dimming

LT1932 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1932 Datasheet PDF - Linear Technology

Part # LT1932
Download  LT1932 Click to download

File Size   2692.84 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual 1.3A White LED Step-Up Converters with Wide Dimming

LT1932 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1932

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1932 LINER-LT1932 Datasheet
235Kb / 16P
Constant-Current DC/DC LED Driver in ThinSOT
LT1932 LINER-LT1932 Datasheet
454Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT1932 LINER-LT1932 Datasheet
252Kb / 16P
Constant-Current DC/DC LED Driver in ThinSOT
logo
First Components Intern...
LT1932 FCI-LT1932 Datasheet
201Kb / 12P
Constant-Current DC/DC LED Driver LT1932
logo
Linear Technology
LT1932ES6 LINER-LT1932ES6 Datasheet
235Kb / 16P
Constant-Current DC/DC LED Driver in ThinSOT
More results


Similar Description - LT1932

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3486 LINER-LT3486 Datasheet
839Kb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
Monolithic Power System...
MP3302 MPS-MP3302 Datasheet
263Kb / 12P
40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
MP3305 MPS-MP3305 Datasheet
294Kb / 11P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming & Adjust OVP
MP3308 MPS-MP3308 Datasheet
314Kb / 13P
Step-up White LED Driver with Dual PWM Dimming Input Control
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Linear Technology
LT3486 LINER-LT3486_15 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
Monolithic Power System...
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
1.3A Step-up White LED Driver Evaluation Board
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com