Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMN3A04K Datasheet (PDF) - Diodes Incorporated

ZXMN3A04K Datasheet PDF - Diodes Incorporated
Part # ZXMN3A04K
Download  ZXMN3A04K Download
File Size   155.92 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK

ZXMN3A04K Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXMN3A04K Datasheet PDF - Diodes Incorporated

Part # ZXMN3A04K
Download  ZXMN3A04K Click to download

File Size   155.92 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK

ZXMN3A04K Datasheet (HTML) - Diodes Incorporated


ZXMN3A04K Product details

SUMMARY

V(BR)DSS=30V : RDS(on)=0.02 ; ID=18.4A



DESCRIPTION

This new generation of Trench MOSFETs from Zetex utilizes a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficiency, low voltage power management applications.



FEATURES

• Low on-resistance

• Fast switching speed

• Low threshold

• Low gate drive

• DPAK (TO252) package



APPLICATIONS

• DC-DC converters

• Power management functions

• Disconnect switches

• Motor control



 




Similar Part No. - ZXMN3A04K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A04K ZETEX-ZXMN3A04K Datasheet
146Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN3A04KTC ZETEX-ZXMN3A04KTC Datasheet
146Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
Diodes Incorporated
ZXMN3A04K DIODES-ZXMN3A04K_15 Datasheet
1Mb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results


Similar Description - ZXMN3A04K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A04K ZETEX-ZXMN3A04K Datasheet
146Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN6A09K ZETEX-ZXMN6A09K Datasheet
214Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN10A09K ZETEX-ZXMN10A09K Datasheet
197Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN6A25K ZETEX-ZXMN6A25K Datasheet
802Kb / 8P
60V DPAK N-channel enhancement mode MOSFET
ZXMN10A25K ZETEX-ZXMN10A25K Datasheet
601Kb / 8P
100V DPAK N-channel enhancement mode MOSFET
ZXMN6A09K ZETEX-ZXMN6A09K_07 Datasheet
617Kb / 8P
60V N-channel enhancement mode MOSFET in DPAK
logo
Diodes Incorporated
DMN3024LK3 DIODES-DMN3024LK3 Datasheet
674Kb / 8P
30V TO252 (DPAK) N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3024LK3 DIODES-DMN3024LK3_15 Datasheet
674Kb / 8P
30V TO252 (DPAK) N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMN3730U DIODES-DMN3730U_15 Datasheet
196Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
Rev 2
logo
ZP Semiconductor
DMN3730U ZPSEMI-DMN3730U Datasheet
264Kb / 3P
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com