Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEP01N65 Datasheet (PDF) - Chino-Excel Technology

CEP01N65 Datasheet PDF - Chino-Excel Technology
Part # CEP01N65
Download  CEP01N65 Download
File Size   429.92 Kbytes
Page   4 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description N-Channel Enhancement Mode Field Effect Transistor

CEP01N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
CEP01N65 Datasheet PDF - Chino-Excel Technology

Part # CEP01N65
Download  CEP01N65 Click to download

File Size   429.92 Kbytes
Page   4 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description N-Channel Enhancement Mode Field Effect Transistor

CEP01N65 Datasheet (HTML) - Chino-Excel Technology


CEP01N65 Product details

FEATURES
Type            VDSS   RDS(ON)    ID     @VGS
CEP01N65   650V   10.5Ω        1.3A     10V
CEF01N65   650V   10.5Ω        1.3A     10V
CEB01N65   650V   10.5Ω        1.3A     10V

■ Super high dense cell design for extremely low RDS(ON).
■ High power and current handing capability.
■ Lead free product is acquired.




Similar Part No. - CEP01N65

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEP01N6 CET-CEP01N6 Datasheet
85Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
CEP01N6G CET-CEP01N6G Datasheet
374Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - CEP01N65

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com