Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6409 Datasheet (PDF) - Linear Technology

LTC6409 Datasheet PDF - Linear Technology
Part # LTC6409
Download  LTC6409 Download
File Size   439.62 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 10GHz GBW, 1.1nV/Hz Differential Amplifier/ADC Driver

LTC6409 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6409 Datasheet PDF - Linear Technology

Part # LTC6409
Download  LTC6409 Click to download

File Size   439.62 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 10GHz GBW, 1.1nV/Hz Differential Amplifier/ADC Driver

LTC6409 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC6409

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6409 LINER-LTC6409 Datasheet
644Kb / 34P
Dual 14-Bit 250Msps
LTC6409 LINER-LTC6409 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6409 LINER-LTC6409 Datasheet
1,000Kb / 36P
300MHz Digital Predistortion Receiver
LTC6409 LINER-LTC6409 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
Differential Amplifier/ADC Driver
More results


Similar Description - LTC6409

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
logo
Intersil Corporation
ISL28617 INTERSIL-ISL28617 Datasheet
1Mb / 18P
40V Precision Instrumentation Amplifier with Differential ADC Driver
May 25, 2012
ISL28617VY25EV1Z INTERSIL-ISL28617VY25EV1Z Datasheet
976Kb / 19P
40V Precision Instrumentation Amplifier with Differential ADC Driver
October 17, 2013
logo
Linear Technology
LTC6409 LINER-LTC6409_15 Datasheet
444Kb / 24P
10GHz GBW, 1.1nV/Hz Differential Amplifier/ADC Driver
LT6236 LINER-LT6236_15 Datasheet
1Mb / 26P
Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6237 LINER-LT6237_15 Datasheet
1Mb / 26P
Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6238 LINER-LT6238_15 Datasheet
1Mb / 26P
Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
Differential Amplifier/ADC Driver
LTC6419 AD-LTC6419 Datasheet
496Kb / 24P
Dual 10GHz GBW, Differential Amplifier/ADC Driver
logo
Linear Technology
LTC6419 LINER-LTC6419 Datasheet
269Kb / 6P
Dual Differential Amplifier/ADC Driver
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com