Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXRE125 Datasheet (PDF) - Diodes Incorporated

ZXRE125 Datasheet PDF - Diodes Incorporated
Part # ZXRE125
Download  ZXRE125 Download
File Size   107.04 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE

ZXRE125 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXRE125 Datasheet PDF - Diodes Incorporated

Part # ZXRE125
Download  ZXRE125 Click to download

File Size   107.04 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE

ZXRE125 Datasheet (HTML) - Diodes Incorporated


ZXRE125 Product details

Description
The ZXRE125 is a bandgap circuit designed to achieve a precision micropower voltage reference of 1.22 volts. The device is available in the small outline SOT23 surface mount package which is ideal for applications where space saving is important.
SOT23 tolerance is available to 0.5% for precision applications. Excellent performance is maintained over the 8µA to 20mA operating current range with a typical temperature coefficient of only 20ppm/°C. The device has been designed to be highly tolerant of capacitive loads so maintaining excellent stability.
This device offers a SOT23 pin for pin compatible replacement of the ZRA124 and ZRA125 series of voltage references.

Features
• High performance 1.220V reference
• Small outline SOT23
• 4μA knee current
• 20ppm/°C typical temperature coefficient
• Unconditionally stable
• 0.5%, 1%, 2%, and 3% tolerance
• Green molding compound (No Br, Sb)

Applications
• Battery powered equipment
• Precision power supplies
• Portable instrumentation
• Portable communication devices
• Data acquisition systems




Similar Part No. - ZXRE125

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE125 ZETEX-ZXRE125 Datasheet
193Kb / 7P
MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE125CF ZETEX-ZXRE125CF Datasheet
140Kb / 4P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE125CFTA ZETEX-ZXRE125CFTA Datasheet
193Kb / 7P
MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE125DF ZETEX-ZXRE125DF Datasheet
140Kb / 4P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
More results


Similar Description - ZXRE125

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE1004 ZETEX-ZXRE1004 Datasheet
62Kb / 4P
SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125_03 Datasheet
193Kb / 7P
MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
logo
Diodes Incorporated
ZXRE1004 DIODES-ZXRE1004 Datasheet
96Kb / 5P
SOT23 MICROPOWER (4關A) 1.22V VOLTAGE REFERENCE
Rev Package
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com