Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT12P12DX Datasheet (PDF) - Diodes Incorporated

ZXT12P12DX Datasheet PDF - Diodes Incorporated
Part # ZXT12P12DX
Download  ZXT12P12DX Download
File Size   269.95 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT12P12DX Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT12P12DX Datasheet PDF - Diodes Incorporated

Part # ZXT12P12DX
Download  ZXT12P12DX Click to download

File Size   269.95 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT12P12DX Datasheet (HTML) - Diodes Incorporated


ZXT12P12DX Product details

DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications.

FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• hFE characterised up to 12A
• IC=3A Continuous Collector Current
• MSOP8 package

APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control




Similar Part No. - ZXT12P12DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT12P12DX ZETEX-ZXT12P12DX Datasheet
258Kb / 6P
DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P12DXTA ZETEX-ZXT12P12DXTA Datasheet
258Kb / 6P
DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P12DXTC ZETEX-ZXT12P12DXTC Datasheet
258Kb / 6P
DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Similar Description - ZXT12P12DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P12DE6 ZETEX-ZXT10P12DE6 Datasheet
232Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P12DX ZETEX-ZXT12P12DX Datasheet
258Kb / 6P
DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6 ZETEX-ZXT13P12DE6 Datasheet
413Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DX ZETEX-ZXT14P12DX Datasheet
261Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT1M322 ZETEX-ZXT1M322 Datasheet
188Kb / 6P
12V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P12DE6 DIODES-ZXT10P12DE6 Datasheet
245Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXT13P12DE6 DIODES-ZXT13P12DE6 Datasheet
423Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 1999
ZXTD1M832 DIODES-ZXTD1M832 Datasheet
429Kb / 6P
DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXT14P12DX DIODES-ZXT14P12DX Datasheet
266Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXTP717MA DIODES-ZXTP717MA_15 Datasheet
164Kb / 7P
12V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com