Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT849K Datasheet (PDF) - Diodes Incorporated

ZXT849K Datasheet PDF - Diodes Incorporated
Part # ZXT849K
Download  ZXT849K Download
File Size   146.37 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V NPN LOW SATURATION TRANSISTOR IN D-PAK

ZXT849K Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT849K Datasheet PDF - Diodes Incorporated

Part # ZXT849K
Download  ZXT849K Click to download

File Size   146.37 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V NPN LOW SATURATION TRANSISTOR IN D-PAK

ZXT849K Datasheet (HTML) - Diodes Incorporated


ZXT849K Product details

Features
• BVCEO > 30V
• IC = 7A High Continuous Collector Current
• ICM = 20A Peak Pulse Current
• RCE(SAT) = 33mΩ for Low Equivalent On-Resistance
• hFE Specified Up to 20A for a High Gain Hold Up
• Low Saturation Voltages
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• DC-DC Converters
• DC-DC Modules
• Power Switches
• Motor Control
• Automotive Circuits




Similar Part No. - ZXT849K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT849K ZETEX-ZXT849K Datasheet
136Kb / 6P
30V NPN LOW SATURATION TRANSISTOR IN D-PAK
logo
Inchange Semiconductor ...
ZXT849K ISC-ZXT849K Datasheet
302Kb / 3P
isc Silicon NPN Power Transistor
2023-8-18
logo
Zetex Semiconductors
ZXT849KTC ZETEX-ZXT849KTC Datasheet
136Kb / 6P
30V NPN LOW SATURATION TRANSISTOR IN D-PAK
logo
Diodes Incorporated
ZXT849K DIODES-ZXT849K_15 Datasheet
146Kb / 6P
30V NPN LOW SATURATION TRANSISTOR IN D-PAK
DECEMBER 2003
More results


Similar Description - ZXT849K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T849G ZETEX-ZX5T849G Datasheet
120Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXT1053AK ZETEX-ZXT1053AK Datasheet
136Kb / 6P
75V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
ZXT849K ZETEX-ZXT849K Datasheet
136Kb / 6P
30V NPN LOW SATURATION TRANSISTOR IN D-PAK
ZX5T849Z ZETEX-ZX5T849Z Datasheet
119Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2007G ZETEX-ZXTN2007G Datasheet
125Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXT1053AK DIODES-ZXT1053AK Datasheet
146Kb / 6P
75V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
DECEMBER 2003
ZXTN2007G DIODES-ZXTN2007G Datasheet
141Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXT849K DIODES-ZXT849K_15 Datasheet
146Kb / 6P
30V NPN LOW SATURATION TRANSISTOR IN D-PAK
DECEMBER 2003
ZXTN2007G DIODES-ZXTN2007G_15 Datasheet
141Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTN2007Z DIODES-ZXTN2007Z_15 Datasheet
141Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com