Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6350 Datasheet (PDF) - Linear Technology

LT6350 Datasheet PDF - Linear Technology
Part # LT6350
Download  LT6350 Download
File Size   415.14 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR

LT6350 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT6350 Datasheet PDF - Linear Technology

Part # LT6350
Download  LT6350 Click to download

File Size   415.14 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR

LT6350 Datasheet (HTML) - Linear Technology




Similar Part No. - LT6350

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6350 LINER-LT6350 Datasheet
572Kb / 28P
Low Noise Single-Ended to Differential Converter/ADC Driver
LT6350 LINER-LT6350 Datasheet
364Kb / 22P
Precision, Low Power Rail-to-Rail Input/Output
LT6350 LINER-LT6350 Datasheet
571Kb / 24P
Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LT6350 LINER-LT6350 Datasheet
2Mb / 50P
16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LT6350 LINER-LT6350 Datasheet
2Mb / 52P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results


Similar Description - LT6350

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_11 Datasheet
3Mb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Integrated Syste...
LTC2379-18 LINEAR-LTC2379-18 Datasheet
511Kb / 26P
LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com