Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN2005G Datasheet (PDF) - Diodes Incorporated

ZXTN2005G Datasheet PDF - Diodes Incorporated
Part # ZXTN2005G
Download  ZXTN2005G Download
File Size   141.66 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25V NPN LOW SATURATION TRANSISTOR IN SOT223

ZXTN2005G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN2005G Datasheet PDF - Diodes Incorporated

Part # ZXTN2005G
Download  ZXTN2005G Click to download

File Size   141.66 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25V NPN LOW SATURATION TRANSISTOR IN SOT223

ZXTN2005G Datasheet (HTML) - Diodes Incorporated


ZXTN2005G Product details

DESCRIPTION
Packaged in the SOT223 outline this new low saturation 25V NPN transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

FEATURES
• Extemely low equivalent on-resistance; RSAT = 30mΩ at 6.5A
• 7 amps continuous current
• Up to 20 amps peak current
• Very low saturation voltages
• Excellent hFE characteristics up to 20 amps

APPLICATIONS
• DC - DC converters
• MOSFET gate drivers
• Charging circuits
• Power switches
• Motor control




Similar Part No. - ZXTN2005G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2005G ZETEX-ZXTN2005G Datasheet
127Kb / 6P
25V NPN LOW SATURATION TRANSISTOR IN SOT223
ZXTN2005GTA ZETEX-ZXTN2005GTA Datasheet
127Kb / 6P
25V NPN LOW SATURATION TRANSISTOR IN SOT223
ZXTN2005GTC ZETEX-ZXTN2005GTC Datasheet
127Kb / 6P
25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2005G DIODES-ZXTN2005G_15 Datasheet
476Kb / 7P
25V NPN LOW SATURATION TRANSISTOR IN SOT223
Rev 5
More results


Similar Description - ZXTN2005G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2005G ZETEX-ZXTN2005G Datasheet
127Kb / 6P
25V NPN LOW SATURATION TRANSISTOR IN SOT223
ZX5T869G ZETEX-ZX5T869G Datasheet
127Kb / 6P
25V NPN LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G_06 Datasheet
135Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T869G DIODES-ZX5T869G Datasheet
132Kb / 6P
25V NPN LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
DSS60601MZ4 DIODES-DSS60601MZ4_15 Datasheet
306Kb / 8P
60V NPN LOW SATURATION TRANSISTOR IN SOT223
Rev 3
FZT869 DIODES-FZT869_15 Datasheet
663Kb / 7P
25V NPN HIGH CURRENT TRANSISTOR IN SOT223
Rev 3
ZXTN649F DIODES-ZXTN649F_15 Datasheet
246Kb / 7P
25V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTN2005G DIODES-ZXTN2005G_15 Datasheet
476Kb / 7P
25V NPN LOW SATURATION TRANSISTOR IN SOT223
Rev 5
ZXTN2011G DIODES-ZXTN2011G_15 Datasheet
142Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com