Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN10150DZTA Datasheet (PDF) - Diodes Incorporated

ZXTN10150DZTA Datasheet PDF - Diodes Incorporated
Part # ZXTN10150DZTA
Download  ZXTN10150DZTA Download
File Size   246.8 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V NPN LED DRIVING TRANSISTOR IN SOT89

ZXTN10150DZTA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN10150DZTA Datasheet PDF - Diodes Incorporated

Part # ZXTN10150DZTA
Download  ZXTN10150DZTA Click to download

File Size   246.8 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V NPN LED DRIVING TRANSISTOR IN SOT89

ZXTN10150DZTA Datasheet (HTML) - Diodes Incorporated


ZXTN10150DZTA Product details

Features
• BVCEO > 150V
• hFE > 100 for IC = 150mA, VCE = 0.25V
• IC (cont) = 1A
• Lead Free, RoHS Compliant (Note 1)
• Halogen and Antimony Free "Green" Device (Note 2)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• LED TV backlight




Similar Part No. - ZXTN10150DZTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN10150DZ DIODES-ZXTN10150DZ_15 Datasheet
246Kb / 7P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
More results


Similar Description - ZXTN10150DZTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN4002Z DIODES-ZXTN4002Z Datasheet
279Kb / 5P
100V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4004Z DIODES-ZXTN4004Z Datasheet
226Kb / 5P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4006Z DIODES-ZXTN4006Z Datasheet
125Kb / 5P
200V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4000Z(1) DIODES-ZXTN4000Z(1)_15 Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4000Z DIODES-ZXTN4000Z_15 Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4002Z(1) DIODES-ZXTN4002Z(1)_15 Datasheet
279Kb / 5P
100V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4004Z DIODES-ZXTN4004Z_15 Datasheet
416Kb / 6P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 2
ZXTN4006Z(1) DIODES-ZXTN4006Z(1)_15 Datasheet
125Kb / 5P
200V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4006Z DIODES-ZXTN4006Z_15 Datasheet
125Kb / 5P
200V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN10150DZ DIODES-ZXTN10150DZ_15 Datasheet
246Kb / 7P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com