Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN19020CFF Datasheet (PDF) - Diodes Incorporated

ZXTN19020CFF Datasheet PDF - Diodes Incorporated
Part # ZXTN19020CFF
Download  ZXTN19020CFF Download
File Size   467.28 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V, SOT23F, NPN high gain power transistor

ZXTN19020CFF Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN19020CFF Datasheet PDF - Diodes Incorporated

Part # ZXTN19020CFF
Download  ZXTN19020CFF Click to download

File Size   467.28 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V, SOT23F, NPN high gain power transistor

ZXTN19020CFF Datasheet (HTML) - Diodes Incorporated


ZXTN19020CFF Product details

Description
Advanced process capability has been used to maximize the performance of this transistor. The SOT23F package is compatible with the industry standard SOT23 footprint but offers lower profile and higher dissipation for applications where power density is of utmost importance.

Features
• BVCEO > 20V
• BVCEX > 65V
• BVECO > 4.5V
• IC = 7A Continuous Collector Current
• Very Low VCE(SAT) < 30mV @ 1A
• RCE(SAT) = 18mΩ
• 1.5W Power Dissipation
• High Forward Blocking Voltage
• High Gain
• Complementary PNP Type: ZXTP19020CFF
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• MOSFET and IGBT Gate Driving
• LED Driving
• Strobe Flash
• Motor Drive
• Micro Buffers




Similar Part No. - ZXTN19020CFF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN19020CFF ZETEX-ZXTN19020CFF Datasheet
454Kb / 8P
20V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
ZXTN19020CFF DIODES-ZXTN19020CFF Datasheet
340Kb / 7P
20V NPN HIGH GAIN POWER TRANSISTOR
Rev 2
logo
Zetex Semiconductors
ZXTN19020CFFTA ZETEX-ZXTN19020CFFTA Datasheet
454Kb / 8P
20V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
ZXTN19020CFFTA DIODES-ZXTN19020CFFTA Datasheet
340Kb / 7P
20V NPN HIGH GAIN POWER TRANSISTOR
Rev 2
ZXTN19020CFF DIODES-ZXTN19020CFF_16 Datasheet
340Kb / 7P
20V NPN HIGH GAIN POWER TRANSISTOR
Rev 2
More results


Similar Description - ZXTN19020CFF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN07012EFF ZETEX-ZXTN07012EFF Datasheet
446Kb / 6P
12V, SOT23F, NPN high gain power transistor
ZXTN07045EFF ZETEX-ZXTN07045EFF Datasheet
452Kb / 8P
45V, SOT23F, NPN high gain power transistor
ZXTN19020CFF ZETEX-ZXTN19020CFF Datasheet
454Kb / 8P
20V, SOT23F, NPN high gain power transistor
ZXTN19020DFF ZETEX-ZXTN19020DFF Datasheet
462Kb / 8P
20V, SOT23F, NPN high gain power transistor
ZXTN19060CFF ZETEX-ZXTN19060CFF Datasheet
513Kb / 6P
60V, SOT23F, NPN high gain power transistor
ZXTN19100CFF ZETEX-ZXTN19100CFF Datasheet
455Kb / 8P
100V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
ZXTN07012EFF DIODES-ZXTN07012EFF Datasheet
458Kb / 6P
12V, SOT23F, NPN high gain power transistor
SEPTEMBER 2006
ZXTN07045EFF DIODES-ZXTN07045EFF Datasheet
323Kb / 8P
45V, SOT23F, NPN high gain power transistor
JUNE 2007
ZXTN19020DFF DIODES-ZXTN19020DFF Datasheet
459Kb / 8P
20V, SOT23F, NPN high gain power transistor
FEBRUARY 2007
ZXTN19100CFF DIODES-ZXTN19100CFF Datasheet
467Kb / 8P
100V, SOT23F, NPN high gain power transistor
JANUARY 2007
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com