Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN23015CFH Datasheet (PDF) - Diodes Incorporated

ZXTN23015CFH Datasheet PDF - Diodes Incorporated
Part # ZXTN23015CFH
Download  ZXTN23015CFH Download
File Size   175.2 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 15V, SOT23, NPN medium power transistor

ZXTN23015CFH Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN23015CFH Datasheet PDF - Diodes Incorporated

Part # ZXTN23015CFH
Download  ZXTN23015CFH Click to download

File Size   175.2 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 15V, SOT23, NPN medium power transistor

ZXTN23015CFH Datasheet (HTML) - Diodes Incorporated


ZXTN23015CFH Product details

Description
Advanced process capability and package design have been used to maximize the power handling and performance of this small outline transistor. The compact size and ratings of this device make it ideally suited to applications where space is at a premium.

Features
• Higher power dissipation SOT23 package
• High peak current
• Low saturation voltage
• 60V forward blocking voltage

Applications
• DC - DC converters
• MOSFET and IGBT gate driving
• Motor drive
• Relay, lamp, and solenoid drive




Similar Part No. - ZXTN23015CFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN23015CFH ZETEX-ZXTN23015CFH Datasheet
168Kb / 6P
15V, SOT23, NPN medium power transistor
ZXTN23015CFHTA ZETEX-ZXTN23015CFHTA Datasheet
168Kb / 6P
15V, SOT23, NPN medium power transistor
More results


Similar Description - ZXTN23015CFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN23015CFH ZETEX-ZXTN23015CFH Datasheet
168Kb / 6P
15V, SOT23, NPN medium power transistor
ZXTP23015CFH ZETEX-ZXTP23015CFH Datasheet
161Kb / 6P
15V, SOT23, PNP medium power transistor
ZXTN25015DFH ZETEX-ZXTN25015DFH Datasheet
404Kb / 6P
15V, NPN medium power transistor
ZXTN25100DFH ZETEX-ZXTN25100DFH Datasheet
391Kb / 6P
100V, SOT23, NPN medium power transistor
ZXTP23015CFH ZETEX-ZXTP23015CFH_07 Datasheet
183Kb / 8P
15V, SOT23, PNP medium power transistor
ZXTP25015DFH ZETEX-ZXTP25015DFH Datasheet
364Kb / 6P
15V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTN25015DFH DIODES-ZXTN25015DFH Datasheet
408Kb / 6P
15V, SOT23, NPN medium power transistor
MAY 2006
ZXTP23015CFH DIODES-ZXTP23015CFH Datasheet
196Kb / 8P
15V, SOT23, PNP medium power transistor
MAY 2007
ZXTP25015DFH DIODES-ZXTP25015DFH Datasheet
367Kb / 6P
15V, SOT23, PNP medium power transistor
MARCH 2008
ZTN23015CFHQ DIODES-ZTN23015CFHQ Datasheet
601Kb / 7P
15V NPN MEDIUM POWER TRANSISTOR IN SOT23
July 2020 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com