Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN25040DFH Datasheet (PDF) - Diodes Incorporated

ZXTN25040DFH Datasheet PDF - Diodes Incorporated
Part # ZXTN25040DFH
Download  ZXTN25040DFH Download
File Size   404.73 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V, SOT23, NPN medium power transistor

ZXTN25040DFH Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN25040DFH Datasheet PDF - Diodes Incorporated

Part # ZXTN25040DFH
Download  ZXTN25040DFH Click to download

File Size   404.73 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V, SOT23, NPN medium power transistor

ZXTN25040DFH Datasheet (HTML) - Diodes Incorporated


ZXTN25040DFH Product details

Description
Advanced process capability and package design have been used to maximize the power handling and performance of this small outline transistor. The compact size and ratings of this device make it ideally suited to applications where space is at a premium.

Features
• High power dissipation SOT23 package
• High peak current
• High gain
• Low saturation voltage
• 130V forward blocking voltage
• 6V reverse blocking voltage

Applications
• MOSFET gate drivers
• Power switches
• Motor control
• DC fans
• DC-DC converters




Similar Part No. - ZXTN25040DFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25040DFH ZETEX-ZXTN25040DFH Datasheet
397Kb / 6P
40V, SOT23, NPN medium power transistor
ZXTN25040DFHTA ZETEX-ZXTN25040DFHTA Datasheet
397Kb / 6P
40V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25040DFH DIODES-ZXTN25040DFH_15 Datasheet
207Kb / 7P
40V NPN MEDIUM POWER PLANAR TRANSISTOR IN SOT23
Rev erse
More results


Similar Description - ZXTN25040DFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25040DFH ZETEX-ZXTP25040DFH Datasheet
245Kb / 6P
40V SOT23 PNP medium power transistor
ZXTN25040DFH ZETEX-ZXTN25040DFH Datasheet
397Kb / 6P
40V, SOT23, NPN medium power transistor
ZXTN25040DFL ZETEX-ZXTN25040DFL Datasheet
554Kb / 8P
40V, SOT23, NPN low power transistor
logo
Diodes Incorporated
ZXTP25040DFH DIODES-ZXTP25040DFH Datasheet
251Kb / 6P
40V SOT23 PNP medium power transistor
MARCH 2008
FMMT491ATA DIODES-FMMT491ATA Datasheet
210Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT491A DIODES-FMMT491A_15 Datasheet
210Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
ZXTN2040F DIODES-ZXTN2040F_15 Datasheet
488Kb / 6P
40V NPN MEDIUM POWER PLANAR TRANSISTOR IN SOT23
Rev 3
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
40V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 7
ZXTP25040DFH DIODES-ZXTP25040DFH_15 Datasheet
251Kb / 6P
40V SOT23 PNP medium power transistor
MARCH 2008
ZXTN25040DFH DIODES-ZXTN25040DFH_15 Datasheet
207Kb / 7P
40V NPN MEDIUM POWER PLANAR TRANSISTOR IN SOT23
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com