Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTNS618MC Datasheet (PDF) - Diodes Incorporated

ZXTNS618MC Datasheet PDF - Diodes Incorporated
Part # ZXTNS618MC
Download  ZXTNS618MC Download
File Size   270.82 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V NPN LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL

ZXTNS618MC Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTNS618MC Datasheet PDF - Diodes Incorporated

Part # ZXTNS618MC
Download  ZXTNS618MC Click to download

File Size   270.82 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V NPN LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL

ZXTNS618MC Datasheet (HTML) - Diodes Incorporated


ZXTNS618MC Product details

Features and Benefits
NPN Transistor
   • BVCEO > 20V
   • IC = 4.5A Continuous Collector Current
   • Low Saturation Voltage (150mV max @ 1A)
   • RSAT = 47mΩ for a low equivalent On-Resistance
   • hFE characterized up to 6A for high current gain hold up
Schottky Diode
   • BVR > 40V
   • IFAV = 3A Average Peak Forward Current
   • Low VF < 500mV (@1A) for reduced power loss
   • Fast switching due to Schottky barrier

   Low profile 0.8mm high package for thin applications
   RθJA efficient, 40% lower than SOT26
   6mm2 footprint, 50% smaller than TSOP6 and SOT26
   Lead-Free, RoHS Compliant (Note 1)
   Halogen and Antimony Free. “Green” Device (Note 2)
   Qualified to AEC-Q101 Standards for High Reliability

Applications
• DC – DC Converters
• Charging circuits
• Mobile phones
• Motor control
• Portable applications




Similar Part No. - ZXTNS618MC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN04120HFF ZETEX-ZXTN04120HFF Datasheet
442Kb / 8P
120V, SOT23F, NPN medium power Darlington transistor
logo
Diodes Incorporated
ZXTN04120HFF DIODES-ZXTN04120HFF Datasheet
455Kb / 8P
120V, SOT23F, NPN medium power Darlington transistor
MAY 2007
logo
Zetex Semiconductors
ZXTN04120HFFTA ZETEX-ZXTN04120HFFTA Datasheet
442Kb / 8P
120V, SOT23F, NPN medium power Darlington transistor
logo
Diodes Incorporated
ZXTN04120HFFTA DIODES-ZXTN04120HFFTA Datasheet
455Kb / 8P
120V, SOT23F, NPN medium power Darlington transistor
MAY 2007
ZXTN04120HK DIODES-ZXTN04120HK Datasheet
271Kb / 7P
120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN TO252
Rev 3
More results


Similar Description - ZXTNS618MC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX3CD2S1M832 ZETEX-ZX3CD2S1M832 Datasheet
344Kb / 9P
MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD1S1M832 ZETEX-ZX3CD1S1M832 Datasheet
350Kb / 9P
12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD3S1M832 ZETEX-ZX3CD3S1M832 Datasheet
346Kb / 9P
MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CDBS1M832 ZETEX-ZX3CDBS1M832 Datasheet
358Kb / 9P
MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Diodes Incorporated
ZXTC6719MC DIODES-ZXTC6719MC Datasheet
226Kb / 9P
DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 2
ZXTDC3M832 DIODES-ZXTDC3M832 Datasheet
474Kb / 8P
DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
ZX3CD3S1M832 DIODES-ZX3CD3S1M832 Datasheet
478Kb / 9P
40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
OCTOBER 2007
ZX3CD2S1M832 DIODES-ZX3CD2S1M832 Datasheet
482Kb / 9P
20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
OCTOBER 2007
ZX3CD1S1M832 DIODES-ZX3CD1S1M832 Datasheet
484Kb / 9P
12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
OCTOBER 2007
ZXTC6719MC DIODES-ZXTC6719MC_15 Datasheet
225Kb / 9P
DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com