Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2009Z Datasheet (PDF) - Diodes Incorporated

ZXTP2009Z Datasheet PDF - Diodes Incorporated
Part # ZXTP2009Z
Download  ZXTP2009Z Download
File Size   132.51 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR

ZXTP2009Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP2009Z Datasheet PDF - Diodes Incorporated

Part # ZXTP2009Z
Download  ZXTP2009Z Click to download

File Size   132.51 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR

ZXTP2009Z Datasheet (HTML) - Diodes Incorporated


ZXTP2009Z Product details

Features
• BVCEO > -40V
• IC = -5.5A High Continuous Current
• Low Saturation Voltage VCE(sat) < -30mV @ -100mA
• Rsat = 29mΩ for a Low Equivalent On-Resistance
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/

Application
• DC-DC converters
• MOSFET gate drive
• Charging circuits
• Power switches
• Motor control




Similar Part No. - ZXTP2009Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2009Z ZETEX-ZXTP2009Z Datasheet
123Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2009ZTA ZETEX-ZXTP2009ZTA Datasheet
123Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2009Z DIODES-ZXTP2009Z_15 Datasheet
132Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results


Similar Description - ZXTP2009Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T3Z ZETEX-ZX5T3Z Datasheet
118Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2009Z ZETEX-ZXTP2009Z Datasheet
123Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZX5T3Z DIODES-ZX5T3Z Datasheet
128Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER
OCTOBER 2003
logo
Unisonic Technologies
UP2855 UTC-UP2855 Datasheet
127Kb / 3P
PNP MEDIUM POWER LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZX5T3Z DIODES-ZX5T3Z_15 Datasheet
193Kb / 7P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
ZXT790AK DIODES-ZXT790AK_15 Datasheet
233Kb / 6P
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
JUNE 2003
ZXTP2009Z DIODES-ZXTP2009Z_15 Datasheet
132Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
logo
Unisonic Technologies
UP3855 UTC-UP3855 Datasheet
177Kb / 4P
PNP MEDIUM POWER LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXT790AK DIODES-ZXT790AK_16 Datasheet
562Kb / 7P
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
ZXTP5240F DIODES-ZXTP5240F Datasheet
394Kb / 7P
40V PNP LOW SATURATION TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com