Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2018 Datasheet (PDF) - Weitron Technology

2SA2018 Datasheet PDF - Weitron Technology
Part # 2SA2018
Download  2SA2018 Download
File Size   181.04 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description PNP Genera Purpose Transistors

2SA2018 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA2018 Datasheet PDF - Weitron Technology

Part # 2SA2018
Download  2SA2018 Click to download

File Size   181.04 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description PNP Genera Purpose Transistors

2SA2018 Datasheet (HTML) - Weitron Technology


2SA2018 Product details

FEATURES:
* A collector current is large.
* Low VCE(sat). VCE(sat)≤-250mV @ IC = -200mA / IB = -10mA




Similar Part No. - 2SA2018

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2018 ROHM-2SA2018 Datasheet
80Kb / 3P
Low frequency transistor
logo
Guangdong Kexin Industr...
2SA2018 KEXIN-2SA2018 Datasheet
35Kb / 1P
Low Frequency Transistor
logo
Rohm
2SA2018 ROHM-2SA2018 Datasheet
145Kb / 3P
Low frequency transistor
2SA2018 ROHM-2SA2018 Datasheet
1Mb / 12P
Low frequency transistor(-12V, -500mA)
logo
Galaxy Semi-Conductor H...
2SA2018 BILIN-2SA2018 Datasheet
169Kb / 4P
LOW FREQUENCY TRANSISTOR
More results


Similar Description - 2SA2018

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
logo
Rohm
2SB1709 ROHM-2SB1709 Datasheet
104Kb / 3P
Genera purpose amplification(-12V, -1.5A)
2SB1732 ROHM-2SB1732 Datasheet
102Kb / 3P
Genera purpose amplification(-12V, -1.5A)
logo
Guangdong Kexin Industr...
BCW67 KEXIN-BCW67 Datasheet
42Kb / 2P
PNP General Purpose Transistors
logo
Weitron Technology
2SB985 WEITRON-2SB985 Datasheet
214Kb / 5P
PNP General Purpose Transistors
logo
Rohm
2SB1709 ROHM-2SB1709_1 Datasheet
109Kb / 3P
Genera purpose amplification(−12V, −1.5A)
2SB1732 ROHM-2SB1732_1 Datasheet
110Kb / 3P
Genera purpose amplification(−12V, −1.5A)
2SB1732TL ROHM-2SB1732TL Datasheet
76Kb / 3P
Genera purpose amplification(??2V, ??.5A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com