Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP19020DG Datasheet (PDF) - Diodes Incorporated

ZXTP19020DG Datasheet PDF - Diodes Incorporated
Part # ZXTP19020DG
Download  ZXTP19020DG Download
File Size   344.5 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V PNP high gain transistor in SOT223

ZXTP19020DG Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP19020DG Datasheet PDF - Diodes Incorporated

Part # ZXTP19020DG
Download  ZXTP19020DG Click to download

File Size   344.5 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V PNP high gain transistor in SOT223

ZXTP19020DG Datasheet (HTML) - Diodes Incorporated


ZXTP19020DG Product details

Features
• BVCEO > -20V
• BVECO > -4V
• IC = 8A High Continuous Current
• Low Saturation Voltage VCE(sat) < -47mV @ 1A
• RCE(sat) = 28mΩ
• Complementary PNP Type: ZXTN19020DG
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Motor Drive
• Relay, Lamp and Solenoid Drive




Similar Part No. - ZXTP19020DG

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP19020DG ZETEX-ZXTP19020DG Datasheet
337Kb / 8P
20V PNP high gain transistor
ZXTP19020DGTA ZETEX-ZXTP19020DGTA Datasheet
337Kb / 8P
20V PNP high gain transistor
logo
Diodes Incorporated
ZXTP19020DG DIODES-ZXTP19020DG_15 Datasheet
845Kb / 7P
20V PNP HIGH GAIN TRANSISTOR IN SOT223
Rev 2
More results


Similar Description - ZXTP19020DG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN19020DG DIODES-ZXTN19020DG Datasheet
350Kb / 8P
20V NPN high gain transistor in SOT223
JANUARY 2008
ZXTN25020DG DIODES-ZXTN25020DG Datasheet
224Kb / 6P
20V NPN high gain transistor in SOT223
JANUARY 2008
ZXTP19020DZ DIODES-ZXTP19020DZ Datasheet
430Kb / 8P
20V PNP high gain transistor in SOT89
FEBRUARY 2008
ZXTP25012EZ DIODES-ZXTP25012EZ Datasheet
394Kb / 8P
20V PNP high gain transistor in SOT89
DECEMBER 2007
ZXTP25020DG DIODES-ZXTP25020DG Datasheet
341Kb / 8P
20V PNP high gain transistor in SOT223
DECEMBER 2007
ZXTP25020DZ DIODES-ZXTP25020DZ Datasheet
397Kb / 8P
20V PNP high gain transistor in SOT89
DECEMBER 2007
FZT689B DIODES-FZT689B_15 Datasheet
684Kb / 7P
20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 4
ZXTP19020DG DIODES-ZXTP19020DG_15 Datasheet
845Kb / 7P
20V PNP HIGH GAIN TRANSISTOR IN SOT223
Rev 2
ZXTP19020DZ DIODES-ZXTP19020DZ_15 Datasheet
267Kb / 7P
20V PNP HIGH GAIN TRANSISTOR IN SOT89
Rev 2
ZXTN19020DG DIODES-ZXTN19020DG_15 Datasheet
907Kb / 7P
20V NPN HIGH GAIN TRANSISTOR IN SOT223
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com