Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP25020CFH Datasheet (PDF) - Diodes Incorporated

ZXTP25020CFH Datasheet PDF - Diodes Incorporated
Part # ZXTP25020CFH
Download  ZXTP25020CFH Download
File Size   382.22 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V, SOT23, PNP medium power transistor

ZXTP25020CFH Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP25020CFH Datasheet PDF - Diodes Incorporated

Part # ZXTP25020CFH
Download  ZXTP25020CFH Click to download

File Size   382.22 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V, SOT23, PNP medium power transistor

ZXTP25020CFH Datasheet (HTML) - Diodes Incorporated


ZXTP25020CFH Product details

Features
• BVCEO > -20V
• BVECO > -7V
• IC = -4A Continuous Collector Current
• VCE(sat) < -55mV @ -1A
• RCE(sat) = 34mΩ
• High Peak Current
• Complementary Part Number ZXTN25020CFH
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• MOSFET and IGBT Gate Driving
• DC-DC Converters




Similar Part No. - ZXTP25020CFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25020CFH ZETEX-ZXTP25020CFH Datasheet
372Kb / 6P
20V, SOT23, PNP medium power transistor
ZXTP25020CFHTA ZETEX-ZXTP25020CFHTA Datasheet
372Kb / 6P
20V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25020CFHTA DIODES-ZXTP25020CFHTA Datasheet
432Kb / 7P
20V PNP LOW POWER TRANSISTOR
Rev 4
ZXTP25020CFH DIODES-ZXTP25020CFH_15 Datasheet
382Kb / 8P
20V, SOT23, PNP medium power transistor
MARCH 2008
ZXTP25020CFH DIODES-ZXTP25020CFH_16 Datasheet
432Kb / 7P
20V PNP LOW POWER TRANSISTOR
Rev 4
More results


Similar Description - ZXTP25020CFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25020BFH ZETEX-ZXTP25020BFH Datasheet
385Kb / 6P
20V, SOT23, PNP medium power transistor
ZXTP25020CFH ZETEX-ZXTP25020CFH Datasheet
372Kb / 6P
20V, SOT23, PNP medium power transistor
ZXTP25020DFH ZETEX-ZXTP25020DFH Datasheet
514Kb / 6P
20V, SOT23, PNP medium power transistor
ZXTN25020BFH ZETEX-ZXTN25020BFH Datasheet
393Kb / 6P
20V, SOT23, NPN medium power transistor
ZXTN25020CFH ZETEX-ZXTN25020CFH Datasheet
395Kb / 6P
20V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25020BFH DIODES-ZXTN25020BFH Datasheet
400Kb / 6P
20V, SOT23, NPN medium power transistor
MAY 2006
ZXTN25020DFH DIODES-ZXTN25020DFH Datasheet
263Kb / 6P
20V SOT23 NPN medium power transistor
MAY 2006
ZXTP25020BFH DIODES-ZXTP25020BFH Datasheet
385Kb / 6P
20V, SOT23, PNP medium power transistor
MARCH 2008
ZXTP25020DFH DIODES-ZXTP25020DFH Datasheet
521Kb / 6P
20V, SOT23, PNP medium power transistor
JULY 2006
ZXTP25020CFH DIODES-ZXTP25020CFH_15 Datasheet
382Kb / 8P
20V, SOT23, PNP medium power transistor
MARCH 2008
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com