Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP25040DZ Datasheet (PDF) - Diodes Incorporated

ZXTP25040DZ Datasheet PDF - Diodes Incorporated
Part # ZXTP25040DZ
Download  ZXTP25040DZ Download
File Size   392.24 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP medium power transistor in SOT89

ZXTP25040DZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP25040DZ Datasheet PDF - Diodes Incorporated

Part # ZXTP25040DZ
Download  ZXTP25040DZ Click to download

File Size   392.24 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP medium power transistor in SOT89

ZXTP25040DZ Datasheet (HTML) - Diodes Incorporated


ZXTP25040DZ Product details

Features
• BVCEO > -40V
• IC = -3.5A High Continuous Current
• Low Saturation Voltage VCE(sat) < -90mV @ -1A
• Rsat = 55mΩ for a Low Equivalent On-Resistance
• Complementary part number: ZXTN25040DZ
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/

Application
• MOSFET and IGBT gate driving
• DC - DC converters
• Motor drive
• High side driver




Similar Part No. - ZXTP25040DZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25040DZ ZETEX-ZXTP25040DZ Datasheet
385Kb / 8P
40V PNP medium power transistor
ZXTP25040DZTA ZETEX-ZXTP25040DZTA Datasheet
385Kb / 8P
40V PNP medium power transistor
More results


Similar Description - ZXTP25040DZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T3Z ZETEX-ZX5T3Z Datasheet
118Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2009Z ZETEX-ZXTP2009Z Datasheet
123Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
S33062 Rev. 4 - 2
ZXTN25040DZ DIODES-ZXTN25040DZ Datasheet
766Kb / 8P
40V, SOT89, NPN medium power transistor
JANUARY 2007
ZXTP19100CZ DIODES-ZXTP19100CZ Datasheet
429Kb / 8P
100V PNP medium power transistor in SOT89
FEBRUARY 2008
BCX5316Q DIODES-BCX5316Q_15 Datasheet
363Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
2DB1386Q DIODES-2DB1386Q_15 Datasheet
267Kb / 6P
20V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 7
FCX591A DIODES-FCX591A_15 Datasheet
293Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
ZX5T3Z DIODES-ZX5T3Z_15 Datasheet
193Kb / 7P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
ZXTP2009Z DIODES-ZXTP2009Z_15 Datasheet
132Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com