Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP25100BFH Datasheet (PDF) - Diodes Incorporated

ZXTP25100BFH Datasheet PDF - Diodes Incorporated
Part # ZXTP25100BFH
Download  ZXTP25100BFH Download
File Size   407.54 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V, SOT23, PNP medium power transistor

ZXTP25100BFH Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP25100BFH Datasheet PDF - Diodes Incorporated

Part # ZXTP25100BFH
Download  ZXTP25100BFH Click to download

File Size   407.54 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V, SOT23, PNP medium power transistor

ZXTP25100BFH Datasheet (HTML) - Diodes Incorporated


ZXTP25100BFH Product details

Features
• BVCEO > -100V
• BVECO > -7V
• IC = -2A Continuous Collector Current
• VCE(SAT) < -130mV @ -1A
• RCE(SAT) = 108mΩ Typical
• PD = 1.25W
• High Peak Current
• Complementary Part Number ZXTN25100BFH
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• MOSFET and IGBT Gate Driving
• DC-DC Converters
• Motor Drive
• Relay, Lamp and Solenoid Drive




Similar Part No. - ZXTP25100BFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25100BFH ZETEX-ZXTP25100BFH Datasheet
400Kb / 6P
100V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25100BFH DIODES-ZXTP25100BFH Datasheet
951Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR
Rev 2
logo
Zetex Semiconductors
ZXTP25100BFHTA ZETEX-ZXTP25100BFHTA Datasheet
400Kb / 6P
100V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25100BFHTA DIODES-ZXTP25100BFHTA Datasheet
951Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR
Rev 2
ZXTP25100BFH DIODES-ZXTP25100BFH_18 Datasheet
951Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR
Rev 2
More results


Similar Description - ZXTP25100BFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2029F ZETEX-ZXTP2029F Datasheet
539Kb / 6P
100V, SOT23, PNP medium power transistor
ZXTN25100BFH ZETEX-ZXTN25100BFH Datasheet
391Kb / 6P
100V, SOT23, medium power transistor
ZXTN25100DFH ZETEX-ZXTN25100DFH Datasheet
391Kb / 6P
100V, SOT23, NPN medium power transistor
ZXTP25100BFH ZETEX-ZXTP25100BFH Datasheet
400Kb / 6P
100V, SOT23, PNP medium power transistor
ZXTP25100CFH ZETEX-ZXTP25100CFH Datasheet
450Kb / 8P
100V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTN25100BFH DIODES-ZXTN25100BFH Datasheet
398Kb / 6P
100V, SOT23, medium power transistor
MAY 2006
ZXTP2029F DIODES-ZXTP2029F Datasheet
439Kb / 8P
100V, SOT23, PNP medium power transistor
MAY 2007
ZXTP25100CFH DIODES-ZXTP25100CFH Datasheet
462Kb / 8P
100V, SOT23, PNP medium power transistor
OCTOBER 2007
ZXTP2029F DIODES-ZXTP2029F_15 Datasheet
439Kb / 8P
100V, SOT23, PNP medium power transistor
MAY 2007
ZXTP25100CFH DIODES-ZXTP25100CFH_15 Datasheet
201Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com