Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74411 Datasheet (PDF) - Sanyo Semicon Device

LC74411 Datasheet PDF - Sanyo Semicon Device
Part # LC74411
Download  LC74411 Download
File Size   174.09 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PIP Controller

LC74411 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC74411 Datasheet PDF - Sanyo Semicon Device

Part # LC74411
Download  LC74411 Click to download

File Size   174.09 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PIP Controller

LC74411 Datasheet (HTML) - Sanyo Semicon Device


LC74411 Product details

Overview

The LC74411N and LC74411NE are digital processing controllers for PIP (picture-in-picture) systems in TV sets

and VCRs. These ICs incorporate three circuits, a multiplexed A/D converter, field memory, and a D/A converter, to implement the PIP digital processing block in a single chip.



Features

• Horizontal resolution: 450 pixels*

• Single-chip implementation of the three circuits required in a PIP digital processing block: A/D converter, field memory, and D/A converter circuits

• High image quality provided by vertical filtering

• I2C bus adopted

• Built-in PLL circuit (requires an external low-pass filter)

• Supports NTSC and PAL, TV and VCR applications, and multi-format (NTSC and PAL) applications.

• External control function

• 8-bit D/A converter (PWM type): 6 pins

• General-purpose ports: 8 pins

• Sub-screen specifications

• Display on/off, frame/no frame, frame color switching, wipe function

• Display position - Specifiable as an 8-bit value for each of the horizontal and vertical directions.

• Size

  Vertical reduction: 1/3, 1/4

  Horizontal reduction: 1/3, 1/4

– The horizontal size can be adjusted by adjusting the PLL divisor

– The display area vertical and horizontal positions can be varied independently.

• Horizontal resolution (Y signal): about 190 dots

• Quantization: 6 bits

• Operating supply voltage LC74411NE : 5 V ±5% LC74411N : 5 V ±10%

• Package

LC74411NE : QFP64E

LC74411N : DIP64S




Similar Part No. - LC74411

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7441 SANYO-LC7441 Datasheet
437Kb / 21P
Picture-in-picture Controller for TVs and VCRs
LC7441N SANYO-LC7441N Datasheet
437Kb / 21P
Picture-in-picture Controller for TVs and VCRs
LC7441NE SANYO-LC7441NE Datasheet
437Kb / 21P
Picture-in-picture Controller for TVs and VCRs
More results


Similar Description - LC74411

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAB9076H PHILIPS-SAB9076H Datasheet
235Kb / 32P
Picture-In-Picture PIP controller
1996 Aug 13
SAB9077H PHILIPS-SAB9077H Datasheet
192Kb / 32P
Picture-In-Picture PIP controller
1996 Aug 07
SAB9079HS PHILIPS-SAB9079HS Datasheet
183Kb / 48P
Multistandard Picture-In-Picture PIP controller
2000 Jan 13
SAB9080 PHILIPS-SAB9080 Datasheet
99Kb / 24P
NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9082 PHILIPS-SAB9082 Datasheet
102Kb / 24P
NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9083 PHILIPS-SAB9083 Datasheet
104Kb / 24P
Multistandard Picture-In-Picture PIP controller
1999 Nov 12
logo
Sanyo Semicon Device
LC7442 SANYO-LC7442 Datasheet
404Kb / 22P
PIP Controller?
logo
Motorola, Inc
MC44460 MOTOROLA-MC44460 Datasheet
442Kb / 16P
PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44461 MOTOROLA-MC44461 Datasheet
317Kb / 16P
PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com