Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7442 Datasheet (PDF) - Sanyo Semicon Device

7442 Datasheet PDF - Sanyo Semicon Device
Part # 7442
Download  7442 Download
File Size   404.82 Kbytes
Page   22 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PIP Controller?

7442 Datasheet (PDF)

Go To PDF Page Download Datasheet
7442 Datasheet PDF - Sanyo Semicon Device

Part # 7442
Download  7442 Click to download

File Size   404.82 Kbytes
Page   22 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PIP Controller?

7442 Datasheet (HTML) - Sanyo Semicon Device


7442 Product details

Overview
The LC7442 and LC7442E are memory controller for PIP (picture-in-picture) systems for TV sets and VCRs. Since this IC includes 3 built-in D/A converter circuits on chip, a component-type PIP system can be constructed by combining this product with memory and an A/D converter such as the LC7480.

Features
• Horizontal resolution: 600 TV lines*1
• Three built-in D/A converter provided on-chip in the PIP memory controller block
• High image quality display provided by vertical filter function frame display*2
• Built-in even/odd field determination circuit
• Built-in PLL circuit (requires external LPF)
• Handles NTSC/PAL, TV/VCR, and multi-mode systems (NTSC-PAL)*3
• Sub-screen specifications
   — Display modes: 2-screen, 3-screen, and 4-screen*2
   — Display on/off and frame on/off/color switching, wipe function
   — Supports switching between fixed (4 corners) and arbitrary (8-bit specification of vertical and horizontal position) display positions
   — The size of the display area can be either variable or 1/9 of the main picture area, i.e 1/3 of the vertical and 1/3 of the horizontal dimensions of the screen
   — Horizontal resolution of about 250 dots (Y signal)
   — Gradations (quantization): 64 (6 bits)
• Operating power supply voltage: 5 V ±10%
• Package: QIP64E, DIP64S




Similar Part No. - 7442

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
7442 STMICROELECTRONICS-7442 Datasheet
154Kb / 17P
TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
REV. 2
logo
Fairchild Semiconductor
7442 FAIRCHILD-7442 Datasheet
41Kb / 4P
BCD to Decimal Decoder
logo
Festo Corporation.
7442 FESTO-7442 Datasheet
77Kb / 1P
Sender nozzle
logo
Wurth Elektronik GmbH &...
744201 WURTH-744201 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
744202 WURTH-744202 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
More results


Similar Description - 7442

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAB9076H PHILIPS-SAB9076H Datasheet
235Kb / 32P
Picture-In-Picture PIP controller
1996 Aug 13
SAB9077H PHILIPS-SAB9077H Datasheet
192Kb / 32P
Picture-In-Picture PIP controller
1996 Aug 07
SAB9079HS PHILIPS-SAB9079HS Datasheet
183Kb / 48P
Multistandard Picture-In-Picture PIP controller
2000 Jan 13
SAB9080 PHILIPS-SAB9080 Datasheet
99Kb / 24P
NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9082 PHILIPS-SAB9082 Datasheet
102Kb / 24P
NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9083 PHILIPS-SAB9083 Datasheet
104Kb / 24P
Multistandard Picture-In-Picture PIP controller
1999 Nov 12
logo
Sanyo Semicon Device
LC74411N SANYO-LC74411N Datasheet
174Kb / 14P
PIP Controller
logo
Motorola, Inc
MC44460 MOTOROLA-MC44460 Datasheet
442Kb / 16P
PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44461 MOTOROLA-MC44461 Datasheet
317Kb / 16P
PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com