Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1504 Datasheet (PDF) - Semtech Corporation

SX1504 Datasheet PDF - Semtech Corporation
Part # SX1504
Download  SX1504 Download
File Size   622.97 Kbytes
Page   33 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 4/8/16 Channel GPIO with NINT and NRESET

SX1504 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1504 Datasheet PDF - Semtech Corporation

Part # SX1504
Download  SX1504 Click to download

File Size   622.97 Kbytes
Page   33 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 4/8/16 Channel GPIO with NINT and NRESET

SX1504 Datasheet (HTML) - Semtech Corporation


SX1504 Product details

GENERAL DESCRIPTION
The SX1504, SX1505 and SX1506 are complete General Purpose parallel Input/Output (GPIO) expanders ideal for low power handheld battery powered equipment. They allow easy serial expansion of I/O through a standard I2C interface. GPIO devices can provide additional control and monitoring when the microcontroller or chipset has insufficient I/O ports, or in systems where serial communication and control from a remote location is advantageous.

KEY PRODUCT FEATURES
• 4/8/16 channel of I/Os
    ◾ True bi-directional style I/O
    ◾ Programmable Pull-up/Pull-down
    ◾ Push/Pull outputs
• 2.5V to 5.5V independent operating voltage for all supply rails (VDDM, VCC1, VCC2)
• 5.5V compatible I/Os, up to 24mA output sink (no total sink current limit)
• Fully programmable logic functions (PLD)
• 400kHz 2-wire I2C compatible slave interface
• Open drain active low interrupt output (NINT)
    ◾ Bit maskable
    ◾ Programmable edge sensitivity
• Power-On Reset and reset input (NRESET)
• Ultra low current consumption of typ. 1uA
• -40°C to +85°C operating temperature range
• Ultra-Thin 3x3mm QFN-UT-20 and TSSOP-20 packages (SX1504/SX1505)
• Ultra-Thin 4x4mm QFN-UT-28 and TSSOP-28 packages (SX1506)

TYPICAL APPLICATIONS
• Cell phones, PDAs, MP3 players
• Digital camera
• Portable multimedia player
• Notebooks
• GPS Units
• Industrial, ATE
• Any battery powered equipment




Similar Part No. - SX1504

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
SX1501 SEMTECH-SX1501 Datasheet
1Mb / 34P
4/8/16 Channel Low Voltage GPIO
SX1501 SEMTECH-SX1501 Datasheet
641Kb / 34P
4/8/16 Channel Low Voltage GPIO with NINT and NRESET
SX1501I087TRT SEMTECH-SX1501I087TRT Datasheet
1Mb / 34P
4/8/16 Channel Low Voltage GPIO
SX1501I087TRT SEMTECH-SX1501I087TRT Datasheet
1,013Kb / 32P
4/8/16 Channel Low Voltage GPIO
More results


Similar Description - SX1504

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-506 INTERSIL-HI-506 Datasheet
454Kb / 23P
Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
June 1999
logo
Harris Corporation
HI3-506 HARRIS-HI3-506 Datasheet
854Kb / 16P
SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
HI-506 INTERSIL-HI-506_05 Datasheet
693Kb / 23P
Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
July 21, 2005
HI-546 INTERSIL-HI-546_05 Datasheet
533Kb / 24P
Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
September 21, 2005
HI-506 INTERSIL-HI-506_07 Datasheet
751Kb / 24P
Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
October 30, 2007
logo
Semtech Corporation
SX1501 SEMTECH-SX1501 Datasheet
1Mb / 34P
4/8/16 Channel Low Voltage GPIO
SX1501 SEMTECH-SX1501_09 Datasheet
641Kb / 34P
4/8/16 Channel Low Voltage GPIO with NINT and NRESET
SX1502EVK SEMTECH-SX1502EVK Datasheet
1,013Kb / 32P
4/8/16 Channel Low Voltage GPIO
logo
Nuvoton Technology Corp...
NCT5655Y NUVOTON-NCT5655Y Datasheet
836Kb / 26P
16-bit I2C-bus and SMBus GPIO controller with interrupt
logo
Renesas Technology Corp
HI-506 RENESAS-HI-506 Datasheet
1,018Kb / 25P
Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Jun 14, 2016
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com