Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP2000AC54PE Datasheet (PDF) - Lineage Power Corporation

CP2000AC54PE Datasheet PDF - Lineage Power Corporation
Part # CP2000AC54PE
Download  CP2000AC54PE Download
File Size   267.77 Kbytes
Page   8 Pages
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation
Description Compact Power Line Input: 100-120/200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W

CP2000AC54PE Datasheet (PDF)

Go To PDF Page Download Datasheet
CP2000AC54PE Datasheet PDF - Lineage Power Corporation

Part # CP2000AC54PE
Download  CP2000AC54PE Click to download

File Size   267.77 Kbytes
Page   8 Pages
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation
Description Compact Power Line Input: 100-120/200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W

CP2000AC54PE Datasheet (HTML) - Lineage Power Corporation




Similar Part No. - CP2000AC54PE

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2000AC54SD LINEAGEPOWER-CP2000AC54SD Datasheet
273Kb / 8P
Compact Power Line Input: 200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000AC54TEP LINEAGEPOWER-CP2000AC54TEP Datasheet
572Kb / 20P
100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2000W, 5VDC @ 4W
CP2000AC54TEZ LINEAGEPOWER-CP2000AC54TEZ Datasheet
572Kb / 20P
100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2000W, 5VDC @ 4W
More results


Similar Description - CP2000AC54PE

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JBW030F LINEAGEPOWER-JBW030F Datasheet
298Kb / 16P
36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
CP2000AC54SD LINEAGEPOWER-CP2000AC54SD Datasheet
273Kb / 8P
Compact Power Line Input: 200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000DC54 LINEAGEPOWER-CP2000DC54 Datasheet
175Kb / 8P
Compact Power Line Input: -40 to -72 Vdc; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000AC54TEP LINEAGEPOWER-CP2000AC54TEP Datasheet
572Kb / 20P
100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2000W, 5VDC @ 4W
CP2000DC54PEZ LINEAGEPOWER-CP2000DC54PEZ Datasheet
310Kb / 15P
Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2000W; 5 Vdc @ 4W
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
CP2725AC54TE LINEAGEPOWER-CP2725AC54TE Datasheet
572Kb / 20P
100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2725W, 5VDC @ 4W
logo
Crydom Inc.,
DR22 CRYDOM-DR22 Datasheet
685Kb / 6P
Output ratings up to 30 Amps at 200 VDC
logo
Bel Fuse Inc.
TET4000-48-069RAH BEL-TET4000-48-069RAH Datasheet
738Kb / 18P
Best-in-class efficiency of up to 97% Wide input voltage range: Full power at 200-277 VAC or 240-380 VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com