Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9268 Datasheet (PDF) - Maxim Integrated Products

MAX9268 Datasheet PDF - Maxim Integrated Products
Part # MAX9268
Download  MAX9268 Download
File Size   2179.98 Kbytes
Page   35 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Gigabit Multimedia Serial Link Deserializer with LVDS System Interface

MAX9268 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9268 Datasheet PDF - Maxim Integrated Products

Part # MAX9268
Download  MAX9268 Click to download

File Size   2179.98 Kbytes
Page   35 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Gigabit Multimedia Serial Link Deserializer with LVDS System Interface

MAX9268 Datasheet (HTML) - Maxim Integrated Products


MAX9268 Product details

General Description
The MAX9268 deserializer utilizes Maxim’s gigabit multimedia serial link (GMSL) technology. The MAX9268 deserializer features an LVDS system interface for reduced pin count and a smaller package, and pairs with any GMSL serializer to form a complete digital serial link for joint transmission of high-speed video, audio, and bidirectional control data.

Features
♦ Pairs with Any GMSL Serializer
♦ 2.5Gbps Payload-Rate AC-Coupled Serial Link
♦ Scrambled 8b/10b Line Coding
♦ Supports WXGA (1280 x 800) with 24-Bit Color
♦ 8.33MHz to 104MHz (3-Channel LVDS) or 6.25MHz to 78MHz (4-Channel LVDS) Output Clock
♦ 4-Bit to 32-Bit Word Length, 8kHz to 192kHz I2S Audio Channel Supports High-Definition Audio
♦ Embedded Half-/Full-Duplex Bidirectional Control Channel (100kbps to 1Mbps)
♦ Two 3-Level Inputs Support 9 Device Addresses
♦ Interrupt Supports Touch-Screen Functions for Display Panels
♦ I2C Master for Peripherals
♦ Equalizer for Serial Link Input
♦ Programmable Spread Spectrum on the LVDS and Control Outputs for Reduced EMI
♦ Serial-Data Clock Recovery Eliminates an External Clock
♦ Automatic Data-Rate Detection Allows On-the-Fly Data-Rate Change
♦ Built-In PRBS Generator for BER Testing of the Serial Link
♦ ISO 10605 and IEC 61000-4-2 ESD Protection
♦ -40NC to +105NC Operating Temperature Range
♦ 1.8V to 3.3V I/O and 3.3V Core Supplies
♦ Patent Pending

Applications
    High-Resolution Automotive Navigation
    Rear-Seat Infotainment
    Megapixel Camera Systems




Similar Part No. - MAX9268

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9268 MAXIM-MAX9268 Datasheet
2Mb / 26P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 5/10
MAX9268EVKIT MAXIM-MAX9268EVKIT Datasheet
2Mb / 26P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 5/10
MAX9268EVKIT+ MAXIM-MAX9268EVKIT+ Datasheet
2Mb / 26P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 5/10
More results


Similar Description - MAX9268

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
logo
Maxim Integrated Produc...
MAX9249 MAXIM-MAX9249 Datasheet
1Mb / 36P
Gigabit Multimedia Serial Link Serializer with LVDS System Interface
Rev 3; 1/11
MAX9259 MAXIM-MAX9259 Datasheet
2Mb / 51P
Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 3; 1/11
MAX9249 MAXIM-MAX9249_12 Datasheet
1Mb / 36P
Gigabit Multimedia Serial Link Serializer with LVDS System Interface
Rev 4; 1/12
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Maxim Integrated Produc...
MAX9259 MAXIM-MAX9259_14 Datasheet
1Mb / 51P
Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Maxim Integrated Produc...
MAX9295 MAXIM-MAX9295 Datasheet
1Mb / 51P
Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
logo
Rohm
BU18RL82-M ROHM-BU18RL82-M Datasheet
874Kb / 13P
Clockless Link-BD Deserializer with LVDS Interface for Automotive
7.Jun.2022 Rev.001
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com