Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6511N Datasheet (PDF) - LSI Computer Systems

LS6511N Datasheet PDF - LSI Computer Systems
Part # LS6511N
Download  LS6511N Download
File Size   205.91 Kbytes
Page   5 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description Direct Interface with PIR Sensor

LS6511N Datasheet (PDF)

Go To PDF Page Download Datasheet
LS6511N Datasheet PDF - LSI Computer Systems

Part # LS6511N
Download  LS6511N Click to download

File Size   205.91 Kbytes
Page   5 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description Direct Interface with PIR Sensor

LS6511N Datasheet (HTML) - LSI Computer Systems


LS6511N Product details

DESCRIPTION (See Figure 5)
The LS6511N, LS6512 and LS6513 are CMOS integrated circuits designed for detecting motion from a PIR Sensor and initiating appropriate responses.

FEATURES:
• Direct Interface with PIR Sensor
• Two-Stage Differential Amplifier
• Amplifier Gain and Bandwidth externally controlled
• True and Complementary Output Drives
• Separate digital filters for processing positive and negative input signals
• Single Pulse/Dual Pulse/ Concurrent Pulse Detection
• Adjustable Output Pulse Width
• Optional 5V Shunt Regulator Output
• 75µA Typical Supply Current
• Undervoltage Detection
• LS6511N(DIP); LS6511N-S (SOIC) - See Figure 1A
    LS6512(DIP); LS6512-S (SOIC) - See Figure 1A
    LS6513(DIP); LS6513-S (SOIC) - See Figure 1B

APPLICATIONS:
    Security system intrusion detection, automatic doors, motion triggered events such as remote animal photography, etc.




Similar Part No. - LS6511N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
PIR SENSOR INTERFACE
More results


Similar Description - LS6511N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6505 LSI-LS6505 Datasheet
42Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
PIR SENSOR INTERFACE
logo
List of Unclassifed Man...
C-7288 ETC2-C-7288 Datasheet
356Kb / 1P
SENSOR PIR
logo
Synaptics Incorporated.
CX93610 CONEXANT-CX93610 Datasheet
732Kb / 2P
PIR Sensor with Video
logo
LSI Computer Systems
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
PIR SENSOR INTERFACE
LS6525 LSI-LS6525 Datasheet
191Kb / 5P
BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
LS6501LP LSI-LS6501LP_08 Datasheet
420Kb / 8P
PIR SENSOR INTERFACE
LS6505 LSI-LS6505_06 Datasheet
67Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
PIR SENSOR INTERFACE
LS6522 LSI-LS6522 Datasheet
286Kb / 8P
PIR SENSOR INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com