Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC173A Datasheet (PDF) - Semtech Corporation

SC173A Datasheet PDF - Semtech Corporation
Part # SC173A
Download  SC173A Download
File Size   663.95 Kbytes
Page   26 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 3A EcoSpeedTM Synchronous Step-Down Regulator with Automatic Power Save

SC173A Datasheet (PDF)

Go To PDF Page Download Datasheet
SC173A Datasheet PDF - Semtech Corporation

Part # SC173A
Download  SC173A Click to download

File Size   663.95 Kbytes
Page   26 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 3A EcoSpeedTM Synchronous Step-Down Regulator with Automatic Power Save

SC173A Datasheet (HTML) - Semtech Corporation


SC173A Product details

Description
The SC173A is an integrated, synchronous 3A EcoSpeedTM step-down regulator, which incorporates Semtech’s advanced, patented adaptive on-time architecture to achieve best-in-class performance in dynamic point-of-load applications. The input voltage range is 3V to 5.5V with a programmable output voltage from 0.75V up to 95% x VIN. The device features low-RDS(ON) internal switches and automatic power save for high efficiency across the output load range.

Features
■ VIN: 3V to 5.5V
■ VOUT: 0.75V to 95% x VIN
■ IOUT: Up to 3A
■ Low RDS(ON) Switches
    Up to 96% Peak Efficiency
■ Enable High Threshold: 1V
■ Compatible with Low Voltage Logic
■ High Output Accuracy
■ Small Ceramic Capacitors
■ Power Good Pin (Open-Drain)
■ Patented Adaptive On-Time Control:
    Excellent Transient Response
    Programmable Pseudo-fixed Frequency
■ Fault Protection Features:
    Cycle-by-Cycle Current Limit
    Short Circuit Protection
    Over and Under Output Voltage Protection
    Over-Temperature
■ Internal Soft start
■ Smart Power Save
■ Ultra-Small Lead-Free 3x3mm, 10-Pin MLPD Package
■ Fully WEEE and RoHS Compliant

Applications
■ Networking Equipment, Embedded Systems
■ Medical Equipment, Office Automation
■ Instrumentation, Portable Systems
■ Consumer Devices (DTV, Set-top Box, ... )
■ 5V POL Converters




Similar Part No. - SC173A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC173 SEMTECH-SC173 Datasheet
717Kb / 27P
3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC173EVB SEMTECH-SC173EVB Datasheet
717Kb / 27P
3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC173MLTRT SEMTECH-SC173MLTRT Datasheet
717Kb / 27P
3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
More results


Similar Description - SC173A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
logo
Semtech Corporation
SC173 SEMTECH-SC173 Datasheet
717Kb / 27P
3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC174 SEMTECH-SC174 Datasheet
718Kb / 27P
4A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC171 SEMTECH-SC171_10 Datasheet
622Kb / 27P
1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC172 SEMTECH-SC172 Datasheet
622Kb / 27P
2A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC410 SEMTECH-SC410 Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
SC3303MLTRT SEMTECH-SC3303MLTRT Datasheet
516Kb / 26P
3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
logo
Feeling Technology Corp...
FP6165 FEELING-FP6165 Datasheet
677Kb / 20P
1.5MHz, 3A Synchronous Step-Down Regulator
logo
Semtech Corporation
SC171 SEMTECH-SC171 Datasheet
590Kb / 27P
1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC3203 SEMTECH-SC3203 Datasheet
1Mb / 20P
3A EcoSpeed짰 Step-Down Regulator with Power Save
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com