Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525D Datasheet (PDF) - Semtech Corporation

SC4525D Datasheet PDF - Semtech Corporation
Part # SC4525D
Download  SC4525D Download
File Size   759.29 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 18V, 3A, 350kHz Step-Down Switching Regulator

SC4525D Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4525D Datasheet PDF - Semtech Corporation

Part # SC4525D
Download  SC4525D Click to download

File Size   759.29 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 18V, 3A, 350kHz Step-Down Switching Regulator

SC4525D Datasheet (HTML) - Semtech Corporation


SC4525D Product details

Description
The SC4525D is a 350kHz constant frequency peak current-mode step-down switching regulator capable of producing 3A output current from an input ranging from 3V to 18V. The SC4525D is suitable for next generation XDSL modems, high-defnition TVs and various point of load applications.

Features
● Input range: 3V to 18V
● 3A Output Current
● 350kHz Fixed Switching Frequency
● Precision 1V Feedback Voltage
● Peak Current-Mode Control
● Cycle-by-Cycle Current Limiting
● Hiccup Overload Protection with Frequency Foldback
● Soft-Start and Enable
● Thermal Shutdown
● Thermally Enhanced 8-pin SOIC Package
● Fully RoHS and WEEE compliant

Applications
● XDSL and Cable Modems
● Set Top Boxes
● Point of Load Applications
● CPE Equipment
● DSP Power Supplies
● LCD and Plasma TVs




Similar Part No. - SC4525D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4525A SEMTECH-SC4525A Datasheet
780Kb / 19P
28V 3A Step-Down Switching Regulator
SC4525AEVB SEMTECH-SC4525AEVB Datasheet
780Kb / 19P
28V 3A Step-Down Switching Regulator
SC4525ASETRT SEMTECH-SC4525ASETRT Datasheet
780Kb / 19P
28V 3A Step-Down Switching Regulator
SC4525C SEMTECH-SC4525C Datasheet
742Kb / 21P
28V 3A Step-Down Switching Regulator Thermal Shutdown
SC4525C SEMTECH-SC4525C Datasheet
512Kb / 22P
28V 3A Step-Down Switching Regulator
Revision 5.1
More results


Similar Description - SC4525D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
3A Step Down Switching Voltage Regulator
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
SC4524B SEMTECH-SC4524B_08 Datasheet
756Kb / 18P
18V 2A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
TJ4519 HTC-TJ4519 Datasheet
533Kb / 11P
600kHz 3A Step-Down Switching Regulator
logo
Exar Corporation
XRP7675 EXAR-XRP7675 Datasheet
784Kb / 12P
3A 18V Synchronous PFM/PWM Step-Down Regulator
logo
Semtech Corporation
SC4524F SEMTECH-SC4524F Datasheet
998Kb / 23P
18V 2A Step-Down Switching Regulator
SC4525F SEMTECH-SC4525F Datasheet
1,000Kb / 23P
18V, 3A, 350kHz Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1484E HMSEMI-HM1484E Datasheet
1Mb / 7P
18V 3A 500KHz Synchronous Step-Down Regulator
HM8113 HMSEMI-HM8113 Datasheet
1Mb / 7P
18V 3A 500KHz Synchronous Step-Down Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com