Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74789 Datasheet (PDF) - Sanyo Semicon Device

LC74789 Datasheet PDF - Sanyo Semicon Device
Part # LC74789
Download  LC74789 Download
File Size   211.72 Kbytes
Page   23 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display Controller

LC74789 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC74789 Datasheet PDF - Sanyo Semicon Device

Part # LC74789
Download  LC74789 Click to download

File Size   211.72 Kbytes
Page   23 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display Controller

LC74789 Datasheet (HTML) - Sanyo Semicon Device


LC74789 Product details

Overview

The LC74789, LC74789M, and LC74789JM are on screen display controller CMOS ICs that display

characters and patterns on the TV screen under microprocessor control. These ICs support 12 ×18 dot characters and can display 12 lines by 24 characters of text.



Features

• Display format: 24 characters by 12 rows (Up to 288 characters)

• Character format: 12 (horizontal) ×18 (vertical) dots

• Character sizes: Three sizes each in the horizontal and vertical directions

• Characters in font: 256 (254 characters, one spacing character, and one transparent spacing character)

• Initial display positions: 64 horizontal positions and 64 vertical positions

• Blinking: Specifiable in character units

• Blinking types: Two periods supported: About 1.0 second and about 0.5 second

• Blanking: Over the whole font (12 ×18 dots)

• Background color: 8 colors (internal synchronization mode): 2fSCand 4fSC

• Line background color 

— Can be set for 3 lines

— Line background color: 8 colors (internal synchronization mode): 2fSCand 4fSC

• External control input: 8-bit serial input format

• On-chip sync separator circuit

• Video outputs: NTSC, PAL, PAL-N, PAL-M, NTSC 4.43, and PAL60 format composite video outputs

• Package

— 24-pin plastic DIP-24S (300 mil)

— 24-pin plastic MFP-24 (375 mil)

— 24-pin plastic MFP-24S (300 mil)




Similar Part No. - LC74789

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74789N SANYO-LC74789N Datasheet
140Kb / 22P
LC74789N
More results


Similar Description - LC74789

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74786 SANYO-LC74786 Datasheet
216Kb / 23P
On-Screen Display Controller
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
On-Screen Display Controller
logo
fujitsu semiconductor
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
ON-Screen Display Controller
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
On-Screen Display Controller
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
On-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
On-Screen Display Controller
logo
fujitsu semiconductor
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
On-screen Display Controller
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
On-Screen Display Controller
July, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com