Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1509 Datasheet (PDF) - Toshiba Semiconductor

D1509 Datasheet PDF - Toshiba Semiconductor
Part # D1509
Download  D1509 Download
File Size   162.41 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Micro-Motor Drive, Hammer Drive Applications

D1509 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1509 Datasheet PDF - Toshiba Semiconductor

Part # D1509
Download  D1509 Click to download

File Size   162.41 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Micro-Motor Drive, Hammer Drive Applications

D1509 Datasheet (HTML) - Toshiba Semiconductor


D1509 Product details

Features
■ High DC current gain: hFE = 2000 (min) (VCE = 2 V, IC = 1 A)
■ Low saturation voltage: VCE (sat) = 1.5 V (max) (IC = 1 A, IB = 1 mA)




Similar Part No. - D1509

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D15020U2JH6 VISHAY-D15020U2JH6 Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
09-May-14
D15020U2JH6 VISHAY-D15020U2JH6 Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
09-May-14
logo
Advanced Semiconductor
D1504-8M ASI-D1504-8M Datasheet
19Kb / 1P
SILICON SCHOTTKY BARRIER MIXER DIODE
logo
Vishay Siliconix
D150G20C0GH6.J5R VISHAY-D150G20C0GH6.J5R Datasheet
321Kb / 6P
Ceramic Disc Capacitors
07-Jan-10
D150G20C0GH6.J5R VISHAY-D150G20C0GH6.J5R Datasheet
321Kb / 6P
Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
07-Jan-10
More results


Similar Description - D1509

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1140 TOSHIBA-2SD1140_09 Datasheet
148Kb / 5P
Micro Motor Drive, Hammer Drive Applications
21-Dec-2009
2SD1508 TOSHIBA-2SD1508_09 Datasheet
167Kb / 5P
Pulse Motor Drive, Hammer Drive Applications
21-Dec-2009
2SD1631 TOSHIBA-2SD1631_10 Datasheet
152Kb / 5P
Micro Motor Drive, Hammer Drive Applications
10-Mar-2010
2SD1658 TOSHIBA-2SD1658_09 Datasheet
162Kb / 5P
Micro Motor Drive, Hammer Drive Applications
21-Dec-2009
2SD1784 TOSHIBA-2SD1784_10 Datasheet
183Kb / 5P
Micro Motor Drive, Hammer Drive Applications
10-Mar-2010
2SD2088 TOSHIBA-2SD2088_09 Datasheet
151Kb / 5P
Micro Motor Drive, Hammer Drive Applications
2SD2206 TOSHIBA-2SD2206_09 Datasheet
141Kb / 4P
Micro Motor Drive, Hammer Drive Applications
2SD2480 TOSHIBA-2SD2480_06 Datasheet
148Kb / 5P
Micro Motor Drive, Hammer Drive Applications
2SD2695 TOSHIBA-2SD2695_09 Datasheet
153Kb / 5P
Micro Motor Drive, Hammer Drive Applications
2SD2206A TOSHIBA-2SD2206A Datasheet
141Kb / 4P
Micro Motor Drive, Hammer Drive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com