Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7527 Datasheet (PDF) - Sanyo Semicon Device

LC7527 Datasheet PDF - Sanyo Semicon Device
Part # LC7527
Download  LC7527 Download
File Size   244.02 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Graphic Equalizer System

LC7527 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7527 Datasheet PDF - Sanyo Semicon Device

Part # LC7527
Download  LC7527 Click to download

File Size   244.02 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Graphic Equalizer System

LC7527 Datasheet (HTML) - Sanyo Semicon Device


LC7527 Product details

Overview
The LC7527E is a microprocessor controllable seven-band graphic equalizer LSI that does not require the use of external semiconductor inductors (simulated inductors).

Features
• This LSI, in conjunction with a control microprocessor,
   can implement in two chips, an electronic graphic
   equalizer with the following features.
      — One touch gain control for each band
      — One touch memory setting recall allows users to
         select desired frequency characteristics for each track.
      — Since the LC7527E includes band filter amplifiers
         on chip, capacitors are the only external components
         required in application systems.
      — Minimal switching noise due to the use of a Silicon
         gate CMOS process.
        
Functions
• Left and right channel seven-band graphic equalizers
• Each band operates in ±2 dB steps.
• Each band has a maximum boost of +12 dB and a
   maximum cut of –12 dB for a total of 13 settings.
• Independent left and right channel operation
• Serial data input supports CCB format communications
   with the system controller.
• CMOS LSI with a 12 V breakdown voltage




Similar Part No. - LC7527

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7520 SANYO-LC7520 Datasheet
244Kb / 2P
GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO, MUSIC CENTER USE
LC7522 SANYO-LC7522 Datasheet
329Kb / 5P
ELECTORONIC VOLUME CONTROL FOR GRAPHIC EQUALIZER
LC75281 SANYO-LC75281 Datasheet
176Kb / 10P
Parametric Equalizer System
LC75281E SANYO-LC75281E Datasheet
176Kb / 10P
Parametric Equalizer System
More results


Similar Description - LC7527

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
5 BAND GRAPHIC EQUALIZER
TA7796P TOSHIBA-TA7796P Datasheet
338Kb / 8P
5 BAND GRAPHIC EQUALIZER
logo
Rohm
BA3812L ROHM-BA3812L Datasheet
90Kb / 6P
5-channel graphic equalizer
logo
Sanyo Semicon Device
LA3600 SANYO-LA3600 Datasheet
169Kb / 6P
5-Band Graphic Equalizer
LA3607 SANYO-LA3607 Datasheet
194Kb / 6P
7-Band Graphic Equalizer?
LA3605 SANYO-LA3605 Datasheet
272Kb / 6P
7 BAND GRAPHIC EQUALIZER
logo
List of Unclassifed Man...
YSS231 ETC-YSS231 Datasheet
552Kb / 8P
GRAPHIC EQUALIZER
logo
Sanken electric
STK6328A SANKEN-STK6328A Datasheet
135Kb / 1P
2-CHANNEL GRAPHIC EQUALIZER
logo
rfsolutions.ltd
SG4 RFSOLUTIONS-SG4 Datasheet
694Kb / 2P
10 Band Graphic Equalizer
logo
Mixed Signal Integratio...
MSGEQ7 MSI-MSGEQ7 Datasheet
187Kb / 4P
Seven Band Graphic Equalizer
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com