Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33690 Datasheet (PDF) - Freescale Semiconductor, Inc

MC33690 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33690
Download  MC33690 Download
File Size   427.55 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Standalone Tag Reader Circuit

MC33690 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33690 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33690
Download  MC33690 Click to download

File Size   427.55 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Standalone Tag Reader Circuit

MC33690 Datasheet (HTML) - Freescale Semiconductor, Inc


MC33690 Product details

MC33690 Standalone Tag Reader Circuit



The standalone tag reader circuit (STARC) is an integrated circuit dedicated to the  automotive immobilizer applications. It combines the antenna drivers and demodulator  necessary to interface with a transponder. A low dropout voltage regulator and a physical  interface fully compatible with the ISO 9141 norm are also available. The STARC is  fabricated with the SMARTMOSTM3.5 technology. This process is a double layer metal 1.4µm 45V technology,  combining CMOS and bipolar devices.



• Contactless 125 kHz tag reader module:

– Self synchronous sample and hold demodulator

– Amplitude or phase modulation detection

– High sensitivity

– Fast read after write demodulator settling time

– Low resistance and high current antenna drivers, 2W @ 150mA (typ.)

– Bidirectionnal data transmission

– Multi-tag, multi-scheme operation

• Low dropout voltage regulator:

– Wide input supply voltage range from 5.5V up to 40V

– Output current capability up to 150mA DC with an external power transistor

– 5V output voltage with a ±5% accuracy

– Low voltage reset function

– Low current consumption in standby mode:

– 300µA (typ.)

• ISO 9141 transmitter and receiver module:

– Input voltage thresholds ratiometric to the supply voltage

– Current limitation

– Output slew rate control

– No external protection device required



 




Similar Part No. - MC33690

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33690 MOTOROLA-MC33690 Datasheet
424Kb / 24P
Standalone Tag Reader Circuit
logo
Freescale Semiconductor...
MC33690 FREESCALE-MC33690 Datasheet
379Kb / 26P
MC33690 Standalone Tag
logo
NXP Semiconductors
MC33690 NXP-MC33690 Datasheet
470Kb / 26P
MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
logo
Motorola, Inc
MC33690DW MOTOROLA-MC33690DW Datasheet
424Kb / 24P
Standalone Tag Reader Circuit
logo
NXP Semiconductors
MC33690DW NXP-MC33690DW Datasheet
471Kb / 26P
MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
More results


Similar Description - MC33690

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1201 DALLAS-DS1201 Datasheet
171Kb / 7P
Electronic Tag
logo
Motorola, Inc
MC33690 MOTOROLA-MC33690 Datasheet
424Kb / 24P
Standalone Tag Reader Circuit
logo
Glenair, Inc.
MS27741-2 GLENAIR-MS27741-2 Datasheet
75Kb / 1P
TAG Ring
logo
Freescale Semiconductor...
MC33690 FREESCALE-MC33690_07 Datasheet
379Kb / 26P
MC33690 Standalone Tag
logo
rfsolutions.ltd
RWD_QT RFSOLUTIONS-RWD_QT Datasheet
247Kb / 19P
The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
logo
Microchip Technology
TC2030-MCP MICROCHIP-TC2030-MCP Datasheet
408Kb / 1P
Tag-Connect In-Circuit Cable Legged Version
2010
logo
NXP Semiconductors
SC33690DS NXP-SC33690DS Datasheet
471Kb / 26P
MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
logo
Schneider Electric
XGSZCNFAC SCHNEIDER-XGSZCNFAC Datasheet
95Kb / 1P
SET OF BADGES FOR SETUP OF THE STANDALONE READER
Jan 7, 2021
logo
SparkFun Electronics
SEN-14066 SPARKFUN-SEN-14066 Datasheet
1Mb / 26P
Simultaneous RFID Tag Reader Hookup Guide
2/27/2017
logo
NXP Semiconductors
MC33690 NXP-MC33690 Datasheet
470Kb / 26P
MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com