Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75392 Datasheet (PDF) - Sanyo Semicon Device

LC75392 Datasheet PDF - Sanyo Semicon Device
Part # LC75392
Download  LC75392 Download
File Size   271.2 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip Electronic Volume Control System

LC75392 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC75392 Datasheet PDF - Sanyo Semicon Device

Part # LC75392
Download  LC75392 Click to download

File Size   271.2 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip Electronic Volume Control System

LC75392 Datasheet (HTML) - Sanyo Semicon Device


LC75392 Product details

Overview
The LC75392 (DIP-30SD) and the LC75392M (MFP-30S) are electronic volume control ICs that provide input and output switching, volume, and tone control functions controlled by data transferred over a serial interface.

Features
    Serial data interface: Support for control and communication in the CCB format.

Functions
• Input and output switching: Four inputs and outputs can be switched independently.
• Volume control: A balance function can be implemented by controlling the left and right levels independently. Each channel can be set to 0 to –20 dB in 2 dB steps, –20 to –32 dB in 3 dB steps, –32 to –52 dB in 4 dB steps, –52 dB to –70 dB in 4.5 dB steps, and –∞.
• Tone controls: Internal switches are provided to select between four sets of frequency characteristics. A buffer function can be implemented using external components.




Similar Part No. - LC75392

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
Single-Chip Electronic Volume Control System
LC75391M SANYO-LC75391M Datasheet
322Kb / 13P
Single-Chip Electronic Volume Control System
LC75394 SANYO-LC75394 Datasheet
380Kb / 17P
Single-Chip Electronic Volume Control System
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
Single-Chip Electronic Volume Control System
LC75395 SANYO-LC75395 Datasheet
457Kb / 17P
Single-Chip Electronic Volume Control System
More results


Similar Description - LC75392

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
Electronic Volume Control System on-Chip
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
Single-Chip Electronic Volume Control System
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
Single-Chip Electronic Volume Control System
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
Single Chip Electronic Volume and Tone Control System
LC75345M SANYO-LC75345M Datasheet
1Mb / 22P
Electronic Volume Control System on-Chip
LC75347E SANYO-LC75347E Datasheet
602Kb / 17P
Six-Channel Single-Chip Electronic Volume Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
Single-Chip Electronic Volume and Tone Control System
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
Two-Channel Electronic Volume Control System
May, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com