Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFSH01-30L Datasheet (PDF) - Central Semiconductor Corp

CFSH01-30L Datasheet PDF - Central Semiconductor Corp
Part # CFSH01-30L
Download  CFSH01-30L Download
File Size   358.69 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE

CFSH01-30L Datasheet (PDF)

Go To PDF Page Download Datasheet
CFSH01-30L Datasheet PDF - Central Semiconductor Corp

Part # CFSH01-30L
Download  CFSH01-30L Click to download

File Size   358.69 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE

CFSH01-30L Datasheet (HTML) - Central Semiconductor Corp


CFSH01-30L Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CFSH01-30L is a high quality Schottky Diode designed for applications where ultra small size and low forward voltage are prime requirements. This component provides performance characteristics suitable for the most demanding size constrained applications.

FEATURES:
• Current (IO=100mA)
• Low Forward Voltage Drop (VF=300mV TYP @ 10mA)
• Low Reverse Current (1.3μA TYP @ 10V)
• Small, Ultra Low Profile 1.0mm x 0.6mm x 0.4mm
   Leadless Surface Mount package

APPLICATIONS:
• DC-DC Converters
• Voltage Clamping
• Protection Circuits
• Battery powered applications including
   Cell Phones, Digital Cameras, Pagers,
   PDAs, Laptop Computers, etc.




Similar Part No. - CFSH01-30L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CFSH01-30L CENTRAL-CFSH01-30L Datasheet
833Kb / 4P
SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
5-January 2015
CFSH01-30L CENTRAL-CFSH01-30L_15 Datasheet
837Kb / 4P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH01-30L CENTRAL-CFSH01-30L_V01 Datasheet
833Kb / 4P
SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
5-January 2015
More results


Similar Description - CFSH01-30L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH05-4M521 CENTRAL-CTLSH05-4M521 Datasheet
164Kb / 2P
SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CTLSH05-40M621 CENTRAL-CTLSH05-40M621 Datasheet
158Kb / 2P
SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CMDSH05-4 CENTRAL-CMDSH05-4_10 Datasheet
366Kb / 2P
SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CMLSH05-4 CENTRAL-CMLSH05-4_10 Datasheet
511Kb / 2P
SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CTLSH01-30L CENTRAL-CTLSH01-30L Datasheet
502Kb / 2P
SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
CTLSH01-30L_1210 CENTRAL-CTLSH01-30L_1210 Datasheet
518Kb / 2P
SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
CMGSH1-3 CENTRAL-CMGSH1-3 Datasheet
423Kb / 2P
Surface Mount Low VF SILICON SCHOTTKY DIODE
CMDSH05-45 CENTRAL-CMDSH05-45 Datasheet
372Kb / 2P
Surface Mount Low VF SILICON SCHOTTKY DIODE
CTLSH01-30L CENTRAL-CTLSH01-30L_15 Datasheet
835Kb / 4P
SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
CFSH01-30L CENTRAL-CFSH01-30L_V01 Datasheet
833Kb / 4P
SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
5-January 2015
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com