Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFSH2-3L Datasheet (PDF) - Central Semiconductor Corp

CFSH2-3L Datasheet PDF - Central Semiconductor Corp
Part # CFSH2-3L
Download  CFSH2-3L Download
File Size   358.66 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON SCHOTTKY DIODE

CFSH2-3L Datasheet (PDF)

Go To PDF Page Download Datasheet
CFSH2-3L Datasheet PDF - Central Semiconductor Corp

Part # CFSH2-3L
Download  CFSH2-3L Click to download

File Size   358.66 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON SCHOTTKY DIODE

CFSH2-3L Datasheet (HTML) - Central Semiconductor Corp


CFSH2-3L Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CFSH2-3L is a high quality Schottky Diode designed for applications where ultra small size and operational efficiency are prime requirements. Packaged in an SOD-882L package, this component provides performance characteristics suitable for the most demanding size constrained applications.

FEATURES:
• VR=30V
• IO=200mA
• Very low forward voltage drop (VF=0.42V TYP @ 200mA)
• Reverse current (4.0μA TYP @ 10V)
• Small, 1mm x 0.6mm x 0.4mm, ultra low profile, leadless
   surface mount package.

APPLICATIONS:
• DC-DC Converters
• Voltage clamping
• Protection circuits
• Battery powered devices including
   cell phones, digital cameras, pagers,
   PDAs, laptop computers, etc.




Similar Part No. - CFSH2-3L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CFSH2-3L CENTRAL-CFSH2-3L_15 Datasheet
503Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
More results


Similar Description - CFSH2-3L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMASH-4 CENTRAL-CMASH-4 Datasheet
187Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CMASH-4 CENTRAL-CMASH-4_10 Datasheet
346Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CTLSH01-30 CENTRAL-CTLSH01-30 Datasheet
502Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CMOSH-3 CENTRAL-CMOSH-3_12 Datasheet
493Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH01-30L CENTRAL-CFSH01-30L_15 Datasheet
837Kb / 4P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH-4 CENTRAL-CFSH-4_15 Datasheet
507Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CTLSH05-40M621 CENTRAL-CTLSH05-40M621_15 Datasheet
619Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CMDSH-3 CENTRAL-CMDSH-3_15 Datasheet
436Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CMDSH-4E CENTRAL-CMDSH-4E_15 Datasheet
373Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH01-30 CENTRAL-CFSH01-30_V01 Datasheet
898Kb / 5P
SURFACE MOUNT SILICON SCHOTTKY DIODE
29-September 2015
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com