Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75817 Datasheet (PDF) - Sanyo Semicon Device

LC75817 Datasheet PDF - Sanyo Semicon Device
Part # LC75817
Download  LC75817 Download
File Size   829.03 Kbytes
Page   43 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function

LC75817 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC75817 Datasheet PDF - Sanyo Semicon Device

Part # LC75817
Download  LC75817 Click to download

File Size   829.03 Kbytes
Page   43 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function

LC75817 Datasheet (HTML) - Sanyo Semicon Device


LC75817 Product details

Overview
The LC75817E and LC75817W are 1/8 to 1/10 duty dot matrix LCD display controller/drivers that supports the display of characters, numbers, and symbols. In addition to generating dot matrix LCD drive signals based on data transferred serially from a microcontroller, the LC75817E and LC75817W also provide on-chip character display ROM and RAM to allow display systems to be implemented easily. These products also provide up to 4 general-purpose output ports and incorporate a key scan circuit that accepts input from up to 30 keys to reduce printed circuit board wiring.

Features
• Key input function for up to 30 keys (A key scan is performed only when a key is pressed.)
• Controls and drives a 5 × 7, 5 × 8, or 5 × 9 dot matrix LCD.
• Supports accessory display segment drive (up to 60 segments)
• Display technique:
    1/8 duty 1/4 bias drive (5 × 7 dots)
    1/9 duty 1/4 bias drive (5 × 8 dots)
    1/10 duty 1/4 bias drive (5 × 9 dots)
• Display digits:
    12 digits × 1 line (5 × 7 dots, 5 × 8 dots)
    11 digits × 1 line (5 × 9 dots)
• Display control memory
    CGROM: 240 characters (5 × 7, 5 × 8, or 5 × 9 dots)
    CGRAM: 16 characters (5 × 7, 5 × 8, or 5 × 9 dots)
    ADRAM: 12 × 5 bits
    DCRAM: 48 × 8 bits
• Instruction function
    Display on/off control
    Display shift function
• Sleep mode can be used to reduce current drain.
• Built-in display contrast adjustment circuit
• Up to 4 general-purpose output ports are included.
• Serial data I/O supports CCB format communication with the system controller.
• Independent LCD drive block power supply VLCD
• A voltage detection type reset circuit is provided to initialize the IC and prevent incorrect display.
• The INH pin is provided. This pin turns off the display, disables key scanning, and forces the general-purpose output ports to the low level.
• RC oscillator circuit




Similar Part No. - LC75817

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NW SANYO-LC75817NW Datasheet
496Kb / 43P
1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
More results


Similar Description - LC75817

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75811E SANYO-LC75811E Datasheet
626Kb / 27P
1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
1/3 Duty LCD Display Driver with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com