Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA1550B-LF Datasheet (PDF) - Z-Communications, Inc

PCA1550B-LF Datasheet PDF - Z-Communications, Inc
Part # PCA1550B-LF
Download  PCA1550B-LF Download
File Size   75.85 Kbytes
Page   2 Pages
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc
Description PHASE NOISE (1 Hz BW, typical)

PCA1550B-LF Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA1550B-LF Datasheet PDF - Z-Communications, Inc

Part # PCA1550B-LF
Download  PCA1550B-LF Click to download

File Size   75.85 Kbytes
Page   2 Pages
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc
Description PHASE NOISE (1 Hz BW, typical)

PCA1550B-LF Datasheet (HTML) - Z-Communications, Inc


PCA1550B-LF Product details

FEATURES
• Frequency Range: 1502 - 1510 MHz
• Step Size: 1000 KHz
• CPLL - Style Package

APPLICATIONS
• Satellite Communication Systems
• Point-to-Point Microwave Radio




Similar Part No. - PCA1550B-LF

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PCA1550A ZCOMM-PCA1550A Datasheet
61Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF Datasheet
75Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results


Similar Description - PCA1550B-LF

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PCA0174A-LF ZCOMM-PCA0174A-LF Datasheet
65Kb / 2P
PHASE NOISE (1 Hz BW, typical)
PCA1292B-LF ZCOMM-PCA1292B-LF Datasheet
75Kb / 2P
PHASE NOISE (1 Hz BW, typical)
PSA2444A ZCOMM-PSA2444A Datasheet
86Kb / 2P
PHASE NOISE (1 Hz BW, typical)
logo
Maxim Integrated Produc...
MAX2871 MAXIM-MAX2871 Datasheet
1Mb / 28P
Low Normalized Inband Phase Noise of -230dBc/Hz
Rev 2; 5/16
logo
Mallory Sonalert Produc...
MSE14LTT3S MSPI-MSE14LTT3S Datasheet
48Kb / 1P
3000-3700 Hz Typical
MSE14LWH1S MSPI-MSE14LWH1S Datasheet
48Kb / 1P
2100-5800 Hz Typical
MSE14LWH2 MSPI-MSE14LWH2 Datasheet
43Kb / 1P
2100-5800 Hz Typical
MSE14MCH2 MSPI-MSE14MCH2 Datasheet
43Kb / 1P
4500-3200 Hz Typical
MSE14MCH2S MSPI-MSE14MCH2S Datasheet
48Kb / 1P
4500-3200 Hz Typical
MSE28MWH2 MSPI-MSE28MWH2 Datasheet
43Kb / 1P
2100-5800 Hz Typical
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com