Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACB-12-1931 Datasheet (PDF) - Applied Concepts Inc.

ACB-12-1931 Datasheet PDF - Applied Concepts Inc.
Part # ACB-12-1931
Download  ACB-12-1931 Download
File Size   147.71 Kbytes
Page   2 Pages
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.
Description power 6 CCFLs to a nominal power level of 32.4 Watts from an input voltage of 12V.

ACB-12-1931 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACB-12-1931 Datasheet PDF - Applied Concepts Inc.

Part # ACB-12-1931
Download  ACB-12-1931 Click to download

File Size   147.71 Kbytes
Page   2 Pages
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.
Description power 6 CCFLs to a nominal power level of 32.4 Watts from an input voltage of 12V.

ACB-12-1931 Datasheet (HTML) - Applied Concepts Inc.




Similar Part No. - ACB-12-1931

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACB-12-1238 ACIPOWER-ACB-12-1238 Datasheet
108Kb / 1P
CCFL INVERTER
ACB-12-1241 ACIPOWER-ACB-12-1241 Datasheet
101Kb / 1P
CCFL INVERTER
ACB-12-1242 ACIPOWER-ACB-12-1242 Datasheet
103Kb / 1P
CCFL INVERTER
ACB-12-1261 ACIPOWER-ACB-12-1261 Datasheet
101Kb / 1P
CCFL INVERTER
ACB-12-1334 ACIPOWER-ACB-12-1334 Datasheet
108Kb / 1P
CCFL INVERTER
More results


Similar Description - ACB-12-1931

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMKC03 ETC1-PMKC03 Datasheet
124Kb / 3P
3 Watts of Output Power From a Package
logo
Astec America, Inc
AEE00-12VIN ASTEC-AEE00-12VIN Datasheet
146Kb / 2P
Total Power: 10 Watts Input, Voltages: 12V, No. of Outputs: Single and Dual
logo
Applied Concepts Inc.
AC3-12-1902 ACIPOWER-AC3-12-1902 Datasheet
114Kb / 2P
The AC3-12-1902 is designed to power 2 CCFLs to a nominal power level of 12 Watts from a 12V source.
AC9-V2R-1878 ACIPOWER-AC9-V2R-1878 Datasheet
95Kb / 2P
power typically 4CCFLs up to power levels of 20 Watts from a nominal 12V source.
AC9-V2R-1901 ACIPOWER-AC9-V2R-1901 Datasheet
94Kb / 2P
power typically 4 CCFLs up to power levels of 20 Watts from a nominal 12V source.
logo
Dallas Semiconductor
DS200EK1 DALLAS-DS200EK1 Datasheet
2Mb / 7P
An economical means of transferring power
logo
Integrated Technology F...
233351B ITF-233351B Datasheet
181Kb / 2P
Typical 1dB bandwidth of 32.4 MHz
logo
FSP TECHNOLOGY INC.
FSP460-70PFL FSP-FSP460-70PFL_15 Datasheet
147Kb / 1P
An industrial level of switching power
FSP460-701UG FSP-FSP460-701UG_15 Datasheet
157Kb / 1P
An industrial level of switching power
FSP460-701UH FSP-FSP460-701UH_15 Datasheet
158Kb / 1P
An industrial level of switching power
More results




About Applied Concepts Inc.


Applied Concepts, Inc. (ACI) is a manufacturer and supplier of electronic products for law enforcement and related markets. The company was founded in 1977 and is based in Richardson, Texas, USA.

ACI is best known for its line of police radar and lidar (light detection and ranging) systems. These systems are used by law enforcement agencies to measure vehicle speed and help enforce traffic laws. ACI's radar and lidar systems are highly accurate and reliable, and they are used by law enforcement agencies around the world.

In addition to its radar and lidar systems, ACI also offers a range of other products, including video systems for police cars, digital in-car video systems, and speed displays. The company also provides training and technical support for its products.

Overall, ACI is a well-respected and trusted supplier of electronic products for law enforcement and related markets. The company has a long history of innovation and customer service, and it continues to develop new products and technologies to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com