Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C20134 Datasheet (PDF) - Cypress Semiconductor

CY8C20134 Datasheet PDF - Cypress Semiconductor
Part # CY8C20134
Download  CY8C20134 Download
File Size   1208.05 Kbytes
Page   47 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description PSoC짰 Programmable System-on-Chip?

CY8C20134 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY8C20134 Datasheet PDF - Cypress Semiconductor

Part # CY8C20134
Download  CY8C20134 Click to download

File Size   1208.05 Kbytes
Page   47 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description PSoC짰 Programmable System-on-Chip?

CY8C20134 Datasheet (HTML) - Cypress Semiconductor


CY8C20134 Product details

PSoC Functional Overview
The PSoC family consists of many Programmable System-on-Chips with On-Chip Controller devices. These devices are designed to replace multiple traditional MCU based system components with one low cost single chip programmable component. A PSoC device includes configurable analog and digital blocks and programmable interconnect. This architecture enables the user to create customized peripheral configurations to match the requirements of each individual application. Additionally, a fast CPU, flash program memory, SRAM data memory, and configurable I/O are included in a range of convenient pinouts.

Features
■ Low power CapSense® block
    ❐ Configurable capacitive sensing elements
    ❐ Supports combination of CapSense buttons, sliders, touchpads, and proximity sensors
■ Powerful Harvard-architecture processor
    ❐ M8C processor speeds running up to 12 MHz
    ❐ Low power at high speed
    ❐ Operating voltage: 2.4 V to 5.25 V
    ❐ Industrial temperature range: –40 °C to +85 °C
■ Flexible on-chip memory
    ❐ 8 KB flash program storage 50,000 erase/write cycles
    ❐ 512-Bytes SRAM data storage
    ❐ Partial flash updates
    ❐ Flexible protection modes
    ❐ Interrupt controller
    ❐ In-system serial programming (ISSP)
■ Complete development tools
    ❐ Free development tool (PSoC Designer™)
    ❐ Full-featured, in-circuit emulator, and programmer
    ❐ Full-speed emulation
    ❐ Complex breakpoint structure
    ❐ 128 KB trace memory
■ Precision, programmable clocking
    ❐ Internal ±5.0% 6- / 12-MHz main oscillator
    ❐ Internal low speed oscillator at 32 kHz for watchdog and sleep
■ Programmable pin configurations
    ❐ Pull-up, high Z, open-drain, and CMOS drive modes on all GPIOs
    ❐ Up to 28 analog inputs on all GPIOs
    ❐ Configurable inputs on all GPIOs
    ❐ 20-mA sink current on all GPIOs
    ❐ Selectable, regulated digital I/O on port 1
        • 3.0 V, 20 mA total port 1 source current
        • 5 mA strong drive mode on port 1 versatile analog mux
    ❐ Common internal analog bus
    ❐ Simultaneous connection of I/O combinations
    ❐ Comparator noise immunity
    ❐ Low-dropout voltage regulator for the analog array
■ Additional system resources
    ❐ Configurable communication speeds
        • I2C: selectable to 50 kHz, 100 kHz, or 400 kHz
        • SPI: configurable between 46.9 kHz and 3 MHz
    ❐ I2C slave
    ❐ SPI master and SPI slave
    ❐ Watchdog and sleep timers
    ❐ Internal voltage reference
    ❐ Integrated supervisory circuit




Similar Part No. - CY8C20134

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20134 CYPRESS-CY8C20134 Datasheet
1Mb / 47P
PSoC Programmable System-on-Chip Low power at high speed
CY8C20134-12SXI CYPRESS-CY8C20134-12SXI Datasheet
1Mb / 47P
PSoC짰 Programmable System-on-Chip?
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
PSoC Programmable System-on-Chip Low power at high speed
CY8C20134 CYPRESS-CY8C20134_12 Datasheet
800Kb / 48P
PSoC짰 Programmable System-on-Chip?
More results


Similar Description - CY8C20134

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
PSoC짰 Programmable System-on-Chip?
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
PSoC짰 Programmable System-on-Chip
CY8C32 CYPRESS-CY8C32_12 Datasheet
4Mb / 122P
Programmable System-on-Chip (PSoC짰)
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
PSoC짰 Programmable System-on-Chip?
CY8C34 CYPRESS-CY8C34_13 Datasheet
3Mb / 130P
Programmable System-on-Chip (PSoC짰)
CY8C56LP CYPRESS-CY8C56LP_13 Datasheet
3Mb / 120P
Programmable System-on-Chip (PSoC짰)
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
Programmable System-on-Chip (PSoC짰)
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com