Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPSH1-4LE Datasheet (PDF) - Central Semiconductor Corp

CMPSH1-4LE Datasheet PDF - Central Semiconductor Corp
Part # CMPSH1-4LE_10
Download  CMPSH1-4LE Download
File Size   505.26 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT HIGH CURRENT LOW VF, LOW LEAKAGE SILICON SCHOTTKY RECTIFIER

CMPSH1-4LE Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPSH1-4LE Datasheet PDF - Central Semiconductor Corp

Part # CMPSH1-4LE_10
Download  CMPSH1-4LE Click to download

File Size   505.26 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT HIGH CURRENT LOW VF, LOW LEAKAGE SILICON SCHOTTKY RECTIFIER

CMPSH1-4LE Datasheet (HTML) - Central Semiconductor Corp


CMPSH1-4LE Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPSH1-4LE is an Enhanced high current, low leakage, low VF, Schottky Rectifier in a surface mount SOT-23F package. It is suitable for all applications requiring premium performance in a small sized, high current Schottky rectifier that offers both very low VF and leakage current specifications.

MARKING CODE: CSE

FEATURES:
• Current (IF=1.0A)
• Low Forward Voltage Drop (VF=0.39V MAX @ 1.0A)
• Low Reverse Current (150µA TYP @ VR=20V)
• Small, surface mount, power SOT-23F package

APPLICATIONS:
• Load/Power Switches
• Power Supply Converter Circuits
• Battery powered equipment including Cell Phones, Digital Cameras, Pagers, PDAs, etc.




Similar Part No. - CMPSH1-4LE_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPSH1-4LE CENTRAL-CMPSH1-4LE_15 Datasheet
505Kb / 2P
LOW LEAKAGE SILICON SCHOTTKY RECTIFIER
More results


Similar Description - CMPSH1-4LE_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPSH1-4L CENTRAL-CMPSH1-4L Datasheet
221Kb / 2P
SURFACE MOUNT SILICON HIGH CURRENT ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
CMPSH1-4LE CENTRAL-CMPSH1-4LE Datasheet
215Kb / 2P
SURFACE MOUNT SILICON HIGH CURRENT LOW VF, LOW LEAKAGE SCHOTTKY BARRIER RECTIFIER
CTLSH1-40M563 CENTRAL-CTLSH1-40M563 Datasheet
872Kb / 2P
SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY RECTIFIER
CMLSH1-40 CENTRAL-CMLSH1-40_10 Datasheet
514Kb / 2P
SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY RECTIFIER
CMPSH1-4L CENTRAL-CMPSH1-4L_10 Datasheet
504Kb / 2P
SURFACE MOUNT HIGH CURRENT ULTRA LOW VF SILICON SCHOTTKY RECTIFIER
CTLSH1-40M322 CENTRAL-CTLSH1-40M322_10 Datasheet
443Kb / 2P
SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY RECTIFIER
CTLSH1-40M563 CENTRAL-CTLSH1-40M563_10 Datasheet
700Kb / 2P
SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY RECTIFIER
CTLSH1-40M621H CENTRAL-CTLSH1-40M621H Datasheet
441Kb / 2P
SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY RECTIFIER
CTLSH5-100M364 CENTRAL-CTLSH5-100M364 Datasheet
637Kb / 2P
SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIER
CTLSH15-30M364 CENTRAL-CTLSH15-30M364 Datasheet
1Mb / 3P
SURFACE MOUNT SILICON LOW VF SCHOTTKY RECTIFIER
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com