Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY14C101J Datasheet (PDF) - Cypress Semiconductor

CY14C101J Datasheet PDF - Cypress Semiconductor
Part # CY14C101J
Download  CY14C101J Download
File Size   1995.95 Kbytes
Page   32 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM

CY14C101J Datasheet (PDF)

Go To PDF Page Download Datasheet
CY14C101J Datasheet PDF - Cypress Semiconductor

Part # CY14C101J
Download  CY14C101J Click to download

File Size   1995.95 Kbytes
Page   32 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM

CY14C101J Datasheet (HTML) - Cypress Semiconductor


CY14C101J Product details

Overview

The Cypress CY14C101J/CY14B101J/CY14E101J combines a 1-Mbit nvSRAM[2] with a nonvolatile element in each memory cell. The memory is organized as 128 K words of 8 bits each. The embedded nonvolatile elements incorporate the QuantumTrap technology, creating the world’s most reliable nonvolatile memory. The SRAM provides infinite read and write cycles, while the QuantumTrap cells provide highly reliable nonvolatile storage of data. Data transfers from SRAM to the nonvolatile elements (STORE operation) takes place automatically at power-down (except for CY14X101J1). On power-up, data is restored to the SRAM from the nonvolatile memory (RECALL operation). The STORE and RECALL operations can also be initiated by the user through I2C commands.



Features

■ 1-Mbit nonvolatile static random access memory (nvSRAM)

   ❐ Internally organized as 128 K × 8

   ❐ STORE to QuantumTrap nonvolatile elements initiate automatically on power-down (AutoStore) or by using I2 command (Software STORE) or HSB pin (Hardware STORE

   ❐ RECALL to SRAM initiated on power-up (Power-U RECALL) or by I2C command (Software RECALL)

   ❐ Automatic STORE on power-down with a small capacito (except for CY14X101J1)

■ High reliability

   ❐ Infinite read, write, and RECALL cycles

   ❐ 1 million STORE cycles to QuantumTrap

   ❐ Data retention: 20 years at 85 °C

■ High speed I2C interface[1]

   ❐ Industry standard 100 kHz and 400 kHz speed

   ❐ Fast-mode Plus: 1 MHz speed

   ❐ High speed: 3.4 MHz

   ❐ Zero cycle delay reads and writes

■ Write protection

   ❐ Hardware protection using Write Protect (WP) pin

   ❐ Software block protection for 1/4, 1/2, or entire array

■ I2C access to special functions

   ❐ Nonvolatile STORE/RECALL

   ❐ 8 byte serial number

   ❐ Manufacturer ID and Product ID

   ❐ Sleep mode

■ Low power consumption

   ❐ Average active current of 1 mA at 3.4 MHz operation

   ❐ Average standby mode current of 150 µA

   ❐ Sleep mode current of 8 µA

■ Industry standard configurations

   ❐ Operating voltages:

      • CY14C101J: VCC = 2.4 V to 2.6 V

      • CY14B101J: VCC = 2.7 V to 3.6 V

      • CY14E101J: VCC = 4.5 V to 5.5 V

   ❐ Industrial temperature

   ❐ 8- and 16-pin small outline integrated circuit (SOIC) package

   ❐ Restriction of hazardous substances (RoHS) compliant



 




Similar Part No. - CY14C101J

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101J CYPRESS-CY14C101J Datasheet
1Mb / 31P
1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14C101J CYPRESS-CY14C101J Datasheet
1Mb / 31P
1-Mbit (128 K x 8) Serial (I2C) nvSRAM
CY14C101J_1105 CYPRESS-CY14C101J_1105 Datasheet
1Mb / 31P
1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14C101J CYPRESS-CY14C101J_12 Datasheet
1Mb / 31P
1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101J CYPRESS-CY14C101J_13 Datasheet
1Mb / 31P
1-Mbit (128 K x 8) Serial (I2C) nvSRAM
More results


Similar Description - CY14C101J

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101J CYPRESS-CY14C101J_12 Datasheet
1Mb / 31P
1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101Q1 CYPRESS-CY14B101Q1_13 Datasheet
1Mb / 27P
1-Mbit (128 K x 8) Serial SPI nvSRAM
CY14C101J CYPRESS-CY14C101J_13 Datasheet
1Mb / 31P
1-Mbit (128 K x 8) Serial (I2C) nvSRAM
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
1 Mbit (128 K 횞 8) Serial SPI nvSRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com