Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1001 Datasheet (PDF) - List of Unclassifed Manufacturers

TS1001 Datasheet PDF - List of Unclassifed Manufacturers
Part # TS1001
Download  TS1001 Download
File Size   518.96 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP

TS1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1001 Datasheet PDF - List of Unclassifed Manufacturers

Part # TS1001
Download  TS1001 Click to download

File Size   518.96 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP

TS1001 Datasheet (HTML) - List of Unclassifed Manufacturers


TS1001 Product details

[Touchstone Semiconductor, Inc.]

DESCRIPTION
The TS1001 is the industry’s first sub-1µA supply current, precision CMOS operational amplifier rated to operate at a nominal supply voltage of 0.8V. Optimized for ultra-long-life battery-powered applications, the TS1001 is Touchstone’s first operational amplifier in the “NanoWatt Analog™” high-performance analog integrated circuits portfolio. The TS1001 exhibits a typical input offset voltage of 0.5mV, a typical input bias current of 25pA, and railto-rail input and output stages. The TS1001 can operate from single-supply voltages from 0.65V to 2.5V.

FEATURES
   Single 0.65V to 2.5V Operation
   Supply current: 0.6μA (typ)
   Offset voltage: 0.5mV (typ)
   Low TCVOS: 20µV/°C (max)
   AVOL Driving 100kΩ Load: 90dB (min)
   Unity Gain Stable
   Rail-to-rail Input and Output
   No Output Phase Reversal
   5-pin SC70 Package

APPLICATIONS
   Battery/Solar-Powered Instrumentation
   Portable Gas Monitors
   Low-voltage Signal Processing
   Nanopower Active Filters
   Wireless Remote Sensors
   Battery-powered Industrial Sensors
   Active RFID Readers
   Powerline or Battery Current Sensing
   Handheld/Portable POS Terminals




Similar Part No. - TS1001

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
965Kb / 5P
SUB-1 V CURRENT SENSING
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
TS1001IJ5 SILABS-TS1001IJ5 Datasheet
1Mb / 12P
THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1001IJ5T TOUCHSTONE-TS1001IJ5T Datasheet
507Kb / 11P
THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
More results


Similar Description - TS1001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6271 MICROCHIP-MCP6271_06 Datasheet
1Mb / 34P
170 關A, 2 MHz Rail-to-Rail Op Amp
2006
MCP6241 MICROCHIP-MCP6241_08 Datasheet
689Kb / 38P
50 關A, 550 kHz Rail-to-Rail Op Amp
2008
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
logo
Touchstone Semiconducto...
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com