Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1526 Datasheet (PDF) - Microchip Technology

PIC16LF1526 Datasheet PDF - Microchip Technology
Part # PIC16LF1526
Download  PIC16LF1526 Download
File Size   2945.33 Kbytes
Page   354 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64-Pin Flash Microcontrollers with nanoWatt XLP Technology

PIC16LF1526 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16LF1526 Datasheet PDF - Microchip Technology

Part # PIC16LF1526
Download  PIC16LF1526 Click to download

File Size   2945.33 Kbytes
Page   354 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64-Pin Flash Microcontrollers with nanoWatt XLP Technology

PIC16LF1526 Datasheet (HTML) - Microchip Technology


PIC16LF1526 Product details

High-Performance RISC CPU:

• C Compiler Optimized Architecture

• Only 49 Instructions

• Up to 28 Kbytes Linear Program Memory Addressing

• Up to 1536 Bytes Linear Data Memory Addressing

• Operating Speed:

   - DC – 20 MHz clock input @ 2.5V

   - DC – 16 MHz clock input @ 1.8V

   - DC – 200 ns instruction cycle

• Interrupt Capability with Automatic Context Saving

• 16-Level Deep Hardware Stack with Optional Overflow/Underflow Reset

• Direct, Indirect and Relative Addressing modes:

   - Two full 16-bit File Select Registers (FSRs)

   - FSRs can read program and data memory



Flexible Oscillator Structure:

• 16 MHz Internal Oscillator Block:

   - Software selectable frequency range from 16 MHz to 31 kHz

• 31 kHz Low-Power Internal Oscillator

• External Oscillator Block with:

   - Four crystal/resonator modes up to 20 MHz

   - Three external clock modes up to 20 MHz

• Fail-Safe Clock Monitor

   - Allows for safe shutdown if peripheral clock stops

• Two-Speed Oscillator Start-up

• Oscillator Start-up Timer (OST)



Special Microcontroller Features:

• Operating Voltage Range:

   - 1.8V to 3.6V (PIC16LF1526/27)

   - 2.3V to 5.5V (PIC16F1526/27)

• Self-Programmable under Software Control

• Power-on Reset (POR)

• Power-up Timer (PWRT)

• Programmable Low-Power Brown-Out Reset (LPBOR)

• Extended Watch-Dog Timer (WDT):

   - Programmable period from 1ms to 256s

• Programmable Code Protection

• In-Circuit Serial Programming™ (ICSP™) via two pins

• In-Circuit Debug (ICD) via Two Pins

• Enhanced Low-Voltage Programming (LVP)

• Power-Saving Sleep mode



Extreme Low-Power Management

PIC16LF1526/27 with nanoWatt XLP:

• Sleep mode: 20 nA @ 1.8V, typical

• Watchdog Timer: 300 nA @ 1.8V, typical

• Secondary Oscillator: 600 nA @ 32 kHz, 1.8V, typical



Analog Features:

• Analog-to-Digital Converter (ADC):

   - 10-bit resolution

   - 30 external channels

   - Two internal channels

   - Fixed Voltage Reference (FVR) channel

   - Temperature Indicator channel

   - Auto acquisition capability

   - Conversion available during Sleep

   - Dedicated ADC RC oscillator

   - Fixed Voltage Reference (FVR) as ADC positive reference

• Voltage Reference module:

   - Fixed Voltage Reference (FVR) with 1.024V, 2.048V and 4.096V output levels

   - Low-Power Sleep mode

   - Low-Power BOR (LPBOR)



Peripheral Features:

• 53 I/O Pins and 1 Input-only Pin:

   - High current sink/source 25 mA/25 mA

   - Individually programmable weak pull-ups

   - Individually programmable interrupt-on-change (IOC) pins

• Timer0: 8-Bit Timer/Counter with 8-Bit Programmable Prescaler

• Enhanced Timer1, 3, 5:

   - 16-bit timer/counter with prescaler

   - External Gate Input mode

   - Low-power 32 kHz secondary oscillator driver

• Timer2, 4, 6, 8, 10: 8-Bit Timer/Counter with 8-Bit

  Period Register, Prescaler and Postscaler

• Ten Capture/Compare/PWM (CCP) modules:

   - 16-bit Capture, 200 ns (max. resolution)

   - 16-bit Compare, 200 ns (max. resolution)

   - 10-bit PWM, 20 kHz @ 10 bits (max. frequency)

• Two Master Synchronous Serial Ports (MSSPs) with SPI and I2CTM with:

   - 7-bit address masking

   - SMBus/PMBusTM compatibility

   - Auto-wake-up on start

• Two Enhanced Universal Synchronous

  Asynchronous Receiver Transmitters (EUSART):

    - RS-232, RS-485 and LIN compatible

    - Auto-Baud Detect



 




Similar Part No. - PIC16LF1526

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1526 MICROCHIP-PIC16LF1526 Datasheet
6Mb / 387P
64-Pin Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC16LF1526 MICROCHIP-PIC16LF1526 Datasheet
6Mb / 376P
28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16LF1526 MICROCHIP-PIC16LF1526 Datasheet
2Mb / 354P
64-Pin Flash Microcontrollers with nanoWatt XLP Technology
05/02/11
PIC16LF1526 MICROCHIP-PIC16LF1526 Datasheet
7Mb / 361P
28/40/44-Pin Flash Microcontrollers with XLP Technology
01/27/15
More results


Similar Description - PIC16LF1526

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F1822 MICROCHIP-PIC12F1822 Datasheet
4Mb / 398P
8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F722A MICROCHIP-PIC16F722A Datasheet
3Mb / 284P
28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F1XK22 MICROCHIP-PIC18F1XK22 Datasheet
3Mb / 388P
20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F720 MICROCHIP-PIC16F720 Datasheet
2Mb / 244P
20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC12F1840 MICROCHIP-PIC12F1840 Datasheet
3Mb / 376P
8-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16LF720 MICROCHIP-PIC16LF720_11 Datasheet
2Mb / 244P
20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC12F1840 MICROCHIP-PIC12F1840_11 Datasheet
3Mb / 382P
8-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1526 MICROCHIP-PIC16F1526_13 Datasheet
6Mb / 387P
64-Pin Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC16LF1527-I MICROCHIP-PIC16LF1527-I Datasheet
2Mb / 354P
64-Pin Flash Microcontrollers with nanoWatt XLP Technology
05/02/11
PIC16F722AT-ISS MICROCHIP-PIC16F722AT-ISS Datasheet
3Mb / 286P
28-Pin Flash Microcontrollers with nanoWatt XLP Technology
11/29/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com