Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18LF26K80 Datasheet (PDF) - Microchip Technology

PIC18LF26K80 Datasheet PDF - Microchip Technology
Part # PIC18LF26K80
Download  PIC18LF26K80 Download
File Size   5172.42 Kbytes
Page   628 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44/64-Pin, Enhanced Flash Microcontrollers, with ECAN??and nanoWatt XLP Technology

PIC18LF26K80 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18LF26K80 Datasheet PDF - Microchip Technology

Part # PIC18LF26K80
Download  PIC18LF26K80 Click to download

File Size   5172.42 Kbytes
Page   628 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44/64-Pin, Enhanced Flash Microcontrollers, with ECAN??and nanoWatt XLP Technology

PIC18LF26K80 Datasheet (HTML) - Microchip Technology


PIC18LF26K80 Product details

DEVICE OVERVIEW
This document contains device-specific information for the following devices:

• PIC18F25K80 • PIC18LF25K80
• PIC18F26K80 • PIC18LF26K80
• PIC18F45K80 • PIC18LF45K80
• PIC18F46K80 • PIC18LF46K80
• PIC18F65K80 • PIC18LF65K80
• PIC18F66K80 • PIC18LF66K80

This family combines the traditional advantages of all PIC18 microcontrollers – namely, high computational performance and a rich feature set – with an extremely competitive price point. These features make the PIC18F66K80 family a logical choice for many high-performance applications where price is a primary consideration.

Power-Managed Modes:
• Run: CPU on, Peripherals on
• Idle: CPU off, Peripherals on
• Sleep: CPU off, Peripherals off
• Two-Speed Oscillator Start-up
• Fail-Safe Clock Monitor (FSCM)
• Power-Saving Peripheral Module Disable (PMD)
• Ultra Low-Power Wake-up
• Fast Wake-up, 1 s, Typical
• Low-Power WDT, 300 nA, Typical
• Run mode Currents Down to Very Low 3.8 A, Typical
• Idle mode Currents Down to Very Low 880 nA, Typical
• Sleep mode Current Down to Very Low 13 nA, Typical

ECAN Bus Module Features:
• Conforms to CAN 2.0B Active Specification
• Three Operating modes:
   - Legacy mode (full backward compatibility with existing PIC18CXX8/FXX8 CAN modules)
   - Enhanced mode
   - FIFO mode or programmable TX/RX buffers
• Message Bit Rates up to 1 Mbps
• DeviceNet™ Data Byte Filter Support
• Six Programmable Receive/Transmit Buffers
• Three Dedicated Transmit Buffers with Prioritization
• Two Dedicated Receive Buffers
• 16 Full, 29-Bit Acceptance Filters with Dynamic Association
• Three Full, 29-Bit Acceptance Masks
• Automatic Remote Frame Handling
• Advanced Error Management Features

Special Microcontroller Features:
• Operating Voltage Range: 1.8V to 5.5V
• On-Chip 3.3V Regulator
• Operating Speed up to 64 MHz
• Up to 64 Kbytes On-Chip Flash Program Memory:
   - 10,000 erase/write cycle, typical
   - 20 years minimum retention, typical
• 1,024 Bytes of Data EEPROM:
   - 100,000 Erase/write cycle data EEPROM memory, typical
• 3.6 Kbytes of General Purpose Registers (SRAM)
• Three Internal Oscillators: LF-INTOSC (31 KHz), MF-INTOSC (500 kHz) and HF-INTOSC (16 MHz)
• Self-Programmable under Software Control
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
   - Programmable period from 4 ms to 4,194s
• In-Circuit Serial Programming™ (ICSP™) via Two Pins
• In-Circuit Debug via Two Pins
• Programmable BOR
• Programmable LVD




Similar Part No. - PIC18LF26K80

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF26K80 MICROCHIP-PIC18LF26K80 Datasheet
376Kb / 52P
Flash Microcontroller Programming Specification
08/04/10 2011
PIC18LF26K80 MICROCHIP-PIC18LF26K80 Datasheet
5Mb / 622P
28/40/44/64-Pin, Enhanced Flash Microcontrollers with ECAN??and nanoWatt XLP Technology
11/29/11 2010-2012
PIC18LF26K80-I/SP MICROCHIP-PIC18LF26K80-I/SP Datasheet
5Mb / 622P
28/40/44/64-Pin, Enhanced Flash Microcontrollers with ECAN??and nanoWatt XLP Technology
11/29/11 2010-2012
PIC18LF26K80E/PDIP MICROCHIP-PIC18LF26K80E/PDIP Datasheet
4Mb / 627P
28/40/44/64-Pin, Enhanced Flash Microcontrollers
08/04/10
PIC18LF26K80E/QFN MICROCHIP-PIC18LF26K80E/QFN Datasheet
4Mb / 627P
28/40/44/64-Pin, Enhanced Flash Microcontrollers
08/04/10
More results


Similar Description - PIC18LF26K80

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F23K20 MICROCHIP-PIC18F23K20_10 Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F72X MICROCHIP-PIC16F72X Datasheet
4Mb / 302P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
PIC16F1516 MICROCHIP-PIC16F1516 Datasheet
2Mb / 344P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC12F1516 MICROCHIP-PIC12F1516 Datasheet
2Mb / 344P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC18F66K80 MICROCHIP-PIC18F66K80_13 Datasheet
5Mb / 622P
28/40/44/64-Pin, Enhanced Flash Microcontrollers with ECAN??and nanoWatt XLP Technology
11/29/11 2010-2012
PIC16F722 MICROCHIP-PIC16F722 Datasheet
4Mb / 302P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
PIC18F25K20T-ISO MICROCHIP-PIC18F25K20T-ISO Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
01/05/10
PIC18F25K20T-ISS MICROCHIP-PIC18F25K20T-ISS Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
01/05/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com